Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC-ACT-16550-VLOG Datasheet(PDF) 6 Page - Actel Corporation

No. de pieza MC-ACT-16550-VLOG
Descripción Electrónicos  Two Wire Serial Interface (TWSI)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ACTEL [Actel Corporation]
Página de inicio  http://www.actel.com
Logo ACTEL - Actel Corporation

MC-ACT-16550-VLOG Datasheet(HTML) 6 Page - Actel Corporation

  MC-ACT-16550-VLOG Datasheet HTML 1Page - Actel Corporation MC-ACT-16550-VLOG Datasheet HTML 2Page - Actel Corporation MC-ACT-16550-VLOG Datasheet HTML 3Page - Actel Corporation MC-ACT-16550-VLOG Datasheet HTML 4Page - Actel Corporation MC-ACT-16550-VLOG Datasheet HTML 5Page - Actel Corporation MC-ACT-16550-VLOG Datasheet HTML 6Page - Actel Corporation MC-ACT-16550-VLOG Datasheet HTML 7Page - Actel Corporation MC-ACT-16550-VLOG Datasheet HTML 8Page - Actel Corporation MC-ACT-16550-VLOG Datasheet HTML 9Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SIGNAL NAMES
Signal
Direction
Description
CLK
Input
The primary clock used for all circuits in this interface.
RESET
Input
Active-high asynchronous reset.
START
Input
Strobe to start TWSI bus cycle.
ENABLE
Input
WHEN ASSERTED THE CORE WILL BE ENABLED. THIS MUST BE DRIVEN FROM A REGISTER.
STDFAST_N
Input
Select TWSI transfer speed mode. Set to ‘1’ for standard (100 kHz) or set to ‘0’ for fast (400 kHz).
DATA_IN[7:0]
Input
The data input vector.
ADDR_IN[6:0]
Input
The address input vector.
TWSI_CMD[2:0]
Input
The command input vector. Tells the core what TWSI command to perform (read/write, stop, repeated
start).
CFG[127:0]
Input
MC-TWSI configuration vector. Configures the options for the MC-TWSI core (SCL timer values, TWSI
mode, etc.).
DATA_VLD
Output
Asserted for one clock cycle to indicate a data byte has been received on the TWSI bus and is available
on DATA_OUT.
REQ_DATA
Output
Asserted for one clock cycle indicate a data byte is requested when sourcing data. Can be used to incre-
ment a data pointer.
FIRST_BYTE
Output
Indicates the byte just received is the first data byte (of what may be a burst). Can be used as an enable
to latch the data byte (on DATA_OUT) as an offset in to a register or memory array.
STATUS[5:0]
Output
The STATUS bits are always available and are cleared when START is strobed.
DATA_OUT[7:0]
Output
The DATA_OUT port contains the data byte just received on the TWSI bus and is qualified with DATA_VLD
at the completion of a TWSI data phase.
SDA_IN
Input
This is the serial data line open collector input.
SDA_OUT
Output
This is the serial data line open collector output.
SCL_IN
Input
This is the serial clock line open collector input.
SCL_OUT
Output
This is the serial clock line open collector output.
SDA
External
TWSI serial data line.
SCL
External
TWSI serial clock line.
Table 2: Core and External Signal Pinout


Número de pieza similar - MC-ACT-16550-VLOG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Actel Corporation
MC-ACT-6809 ACTEL-MC-ACT-6809 Datasheet
136Kb / 7P
   SoftwareCompatible6809CPU
MC-ACT-6809-NET ACTEL-MC-ACT-6809-NET Datasheet
136Kb / 7P
   SoftwareCompatible6809CPU
MC-ACT-6809-VHD ACTEL-MC-ACT-6809-VHD Datasheet
136Kb / 7P
   SoftwareCompatible6809CPU
MC-ACT-G704E1-NET ACTEL-MC-ACT-G704E1-NET Datasheet
245Kb / 5P
   ISDN Terminal Equipment E2 Interface (multi G704 on chip) E1-ATM Interface
MC-ACT-G704E1-VHD ACTEL-MC-ACT-G704E1-VHD Datasheet
245Kb / 5P
   ISDN Terminal Equipment E2 Interface (multi G704 on chip) E1-ATM Interface
More results

Descripción similar - MC-ACT-16550-VLOG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
R1EX24002ASAS0G RENESAS-R1EX24002ASAS0G_15 Datasheet
505Kb / 18P
   Two-wire serial interface Two-wire serial interface
R1EV24002ASAS0A RENESAS-R1EV24002ASAS0A Datasheet
134Kb / 17P
   Two-wire serial interface 2k EEPROM Two-wire serial interface
logo
ON Semiconductor
AR0135AT ONSEMI-AR0135AT Datasheet
703Kb / 5P
   Two-wire Serial Interface
January, 2016 ??Rev. 0
logo
Renesas Technology Corp
R1EX24032ASAS0G RENESAS-R1EX24032ASAS0G Datasheet
267Kb / 18P
   Two-wire serial interface
logo
Sanyo Semicon Device
LE24L042CS SANYO-LE24L042CS Datasheet
200Kb / 10P
   Two Wire Serial Interface EEPROM
LE24LA322CS SANYO-LE24LA322CS Datasheet
217Kb / 11P
   Two Wire Serial Interface EEPROM
LE24LB642CS SANYO-LE24LB642CS Datasheet
224Kb / 11P
   Two Wire Serial Interface EEPROM
logo
ON Semiconductor
LE24L042CS-B ONSEMI-LE24L042CS-B Datasheet
832Kb / 11P
   Two Wire Serial Interface EEPROM
July, 2013
LE24512AQF ONSEMI-LE24512AQF Datasheet
929Kb / 14P
   Two Wire Serial Interface EEPROM
July, 2013
logo
Sanyo Semicon Device
LE24C023M SANYO-LE24C023M Datasheet
168Kb / 11P
   Two Wire Serial Interface EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com