Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BYX85 Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza BYX85
Descripción Electrónicos  Silicon Mesa Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYX85 Datasheet(HTML) 1 Page - Vishay Siliconix

  BYX85 Datasheet HTML 1Page - Vishay Siliconix BYX85 Datasheet HTML 2Page - Vishay Siliconix BYX85 Datasheet HTML 3Page - Vishay Siliconix BYX85 Datasheet HTML 4Page - Vishay Siliconix BYX85 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BYX82...BYX86
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 2, 24-Jun-98
1 (5)
Document Number 86052
Silicon Mesa Rectifiers
Features
D Glass passivated junction
D Hermetically sealed package
D Low reverse current
D High surge current loading
Applications
Rectifier, general purpose
94 9539
Absolute Maximum Ratings
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Value
Unit
Reverse voltage
BYX82
VR=VRRM
200
V
g
=Repetitive peak reverse voltage
BYX83
VR=VRRM
400
V
BYX84
VR=VRRM
600
V
BYX85
VR=VRRM
800
V
BYX86
VR=VRRM
1000
V
Peak forward surge current
tp=10ms,
half sinewave
IFSM
50
A
Repetitive peak forward current
IFRM
10
A
Average forward current
Tambx45°C
IFAV
2
A
i2*t–rating
i2*t
8
A2*s
Junction and storage temperature range
Tj=Tstg
–65...+175
°C
Maximum Thermal Resistance
Tj = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
l=10mm, TL=constant
RthJA
45
K/W
on PC board with spacing 25mm
RthJA
100
K/W


Número de pieza similar - BYX85

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
BYX85 VISHAY-BYX85 Datasheet
129Kb / 5P
   Standard Avalanche Sinterglass Diode
Rev. 1.6, 09-Aug-10
logo
SUNMATE electronic Co.,...
BYX85 SUNMATE-BYX85 Datasheet
140Kb / 3P
   2.0A Axial Leaded Silicon Mesa Rectifiers
logo
Vishay Siliconix
BYX85 VISHAY-BYX85 Datasheet
134Kb / 6P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 11-Sep-12
BYX85 VISHAY-BYX85 Datasheet
152Kb / 5P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
BYX85-1000 VISHAY-BYX85-1000 Datasheet
152Kb / 5P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
More results

Descripción similar - BYX85

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
1N5059 VISHAY-1N5059 Datasheet
43Kb / 4P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BY203 VISHAY-BY203 Datasheet
33Kb / 3P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BY448 VISHAY-BY448 Datasheet
36Kb / 3P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BY268 VISHAY-BY268 Datasheet
37Kb / 3P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYW52 VISHAY-BYW52 Datasheet
134Kb / 6P
   Silicon Mesa Rectifiers
Rev. 1.6, 14-Apr-05
BY228-13 VISHAY-BY228-13 Datasheet
37Kb / 3P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYW82 VISHAY-BYW82 Datasheet
50Kb / 4P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYT77 VISHAY-BYT77 Datasheet
43Kb / 4P
   Fast Silicon Mesa Rectifiers
Rev. 3, 07-Dec-99
BYV12 VISHAY-BYV12 Datasheet
48Kb / 4P
   Fast Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYW32 VISHAY-BYW32 Datasheet
46Kb / 4P
   Fast Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com