Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BYX85 Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza BYX85
Descripción Electrónicos  Silicon Mesa Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYX85 Datasheet(HTML) 2 Page - Vishay Siliconix

  BYX85 Datasheet HTML 1Page - Vishay Siliconix BYX85 Datasheet HTML 2Page - Vishay Siliconix BYX85 Datasheet HTML 3Page - Vishay Siliconix BYX85 Datasheet HTML 4Page - Vishay Siliconix BYX85 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BYX82...BYX86
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 2, 24-Jun-98
2 (5)
Document Number 86052
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=1A
VF
0.9
1.0
V
Reverse current
VR=VRRM
IR
0.1
1
mA
VR=VRRM, Tj=100°C
IR
10
25
mA
Diode capacitance
VR=4V, f=0.47MHz
CD
20
pF
Reverse recovery time
IF=0.5A, IR=1A, iR=0.25A
trr
2
4
ms
Reverse recovery charge
IF=IR=1A, di/dt=5A/ms
Qrr
3
6
mC
Characteristics (Tj = 25_C unless otherwise specified)
0
0
20
40
60
80
120
l – Lead Length ( mm )
94 9572
510
15
25
30
20
100
ll
TL=constant
Figure 1. Max. Thermal Resistance vs. Lead Length
0
400
800
1200
0
Reverse / Repetitive Peak Reverse Voltage ( V )
1600
94 9579
40
80
120
160
240
200
BYX
85
BYX
86
BYX
84
BYX
82
BYX
83
VR
VRRM
RthJAv35K/W
RthJAv57K/W
RthJAv100K/W
Figure 2. Junction Temperature vs.
Reverse/Repetitive Peak Reverse Voltage
0
0.6
1.2
1.8
2.4
0.01
0.1
1
10
3.0
94 9573
VF – Forward Voltage ( V )
Scattering Limits
Tj =25°C
Tj =175°C
Figure 3. Forward Current vs. Forward Voltage
0
6
12
18
24
30
0.1
1
10
VR – Reverse Voltage ( V )
100
94 9574
f = 470kHz
Tj =25°C
Figure 4. Typ. Diode Capacitance vs. Reverse Voltage


Número de pieza similar - BYX85

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
BYX85 VISHAY-BYX85 Datasheet
129Kb / 5P
   Standard Avalanche Sinterglass Diode
Rev. 1.6, 09-Aug-10
logo
SUNMATE electronic Co.,...
BYX85 SUNMATE-BYX85 Datasheet
140Kb / 3P
   2.0A Axial Leaded Silicon Mesa Rectifiers
logo
Vishay Siliconix
BYX85 VISHAY-BYX85 Datasheet
134Kb / 6P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 11-Sep-12
BYX85 VISHAY-BYX85 Datasheet
152Kb / 5P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
BYX85-1000 VISHAY-BYX85-1000 Datasheet
152Kb / 5P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
More results

Descripción similar - BYX85

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
1N5059 VISHAY-1N5059 Datasheet
43Kb / 4P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BY203 VISHAY-BY203 Datasheet
33Kb / 3P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BY448 VISHAY-BY448 Datasheet
36Kb / 3P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BY268 VISHAY-BY268 Datasheet
37Kb / 3P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYW52 VISHAY-BYW52 Datasheet
134Kb / 6P
   Silicon Mesa Rectifiers
Rev. 1.6, 14-Apr-05
BY228-13 VISHAY-BY228-13 Datasheet
37Kb / 3P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYW82 VISHAY-BYW82 Datasheet
50Kb / 4P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYT77 VISHAY-BYT77 Datasheet
43Kb / 4P
   Fast Silicon Mesa Rectifiers
Rev. 3, 07-Dec-99
BYV12 VISHAY-BYV12 Datasheet
48Kb / 4P
   Fast Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYW32 VISHAY-BYW32 Datasheet
46Kb / 4P
   Fast Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com