Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMAJ17A Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

No. de pieza SMAJ17A
Descripción Electrónicos  SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HY [HY ELECTRONIC CORP.]
Página de inicio  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SMAJ17A Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  SMAJ17A Datasheet HTML 1Page - HY ELECTRONIC CORP. SMAJ17A Datasheet HTML 2Page - HY ELECTRONIC CORP. SMAJ17A Datasheet HTML 3Page - HY ELECTRONIC CORP. SMAJ17A Datasheet HTML 4Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERTIC CURVES
SMAJ SERIES
~ 281 ~
TP, PULSE WIDTH
FIG.5-PULSE RATING CURVE
0.1us
100
10
1.0
0.1
1.0us
10us
100us
1.0ms
10ms
TA=25℃
NON-REPETIVE PULSE WAVE
FORM SHOWN IN FIG.3
T, TIME (ms)
0
FIG.3-PULSE WAVEFORM
TR=10us
Peak value(IRSM)
Half value =
2
IRSM
Pulse with (Tp) is defined
as that point where the
peak current decays to
50% of IRSM
10*1000waveform as
defined by R.E.A
100
50
1.0
2.0
3.0
4.0
0
TJ
=25°C
TP
STAND-OFF VOLTAGE,VOLTS
FIG.4-TYPICAL JUNCTION CAPACITANCE
1
100
10000
1000
100
10
4
10
1000
Bi-directional
Uni-directional
TJ=25℃
TL, LEAD TEMPERATURE
FIG.6-STEADY STATE POWER
DERATING CURVE
1.0
0.8
0.6
0.4
0.2
0.0
60Hz RESISTIVE OR
INDUCTIVE LOAD
25
50
75
100
125
150
175
200
0
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
10
20
30
40
50
1
2
5
10
20
50
100
60
SINGLE SINE-WAVE
JEDEC METHOD
TA AMBIENT TEMPERATURE,℃
FIG.1-PULSE DERATING CURVE
10*1000 WAVEFORM
AS DEFINED BY R.E.A
50
0
100
75
25
25
50
75
100
125 150
175 200
0


Número de pieza similar - SMAJ17A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
SMAJ17A LITTELFUSE-SMAJ17A Datasheet
3Mb / 146P
   TVS Diode Products
logo
Jiangsu High diode Semi...
SMAJ17A HDSEMI-SMAJ17A Datasheet
1Mb / 7P
   SMAK Plastic-Encapsulate Diodes
logo
Jinan Gude Electronic D...
SMAJ17A JGD-SMAJ17A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SAMYANG ELECTRONICS CO....
SMAJ17A SAMYANG-SMAJ17A Datasheet
2Mb / 6P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ17A CYSTEKEC-SMAJ17A Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
More results

Descripción similar - SMAJ17A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HY ELECTRONIC CORP.
SMBJ10 HY-SMBJ10_17 Datasheet
146Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMAJ HY-SMAJ_V01 Datasheet
506Kb / 4P
   Surface Mount Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Lite-On Technology Corp...
SMC10 LITEON-SMC10 Datasheet
50Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Diodes Incorporated
LT4ME5.0A DIODES-LT4ME5.0A Datasheet
610Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
Nov-2021 REV. 11
logo
HY ELECTRONIC CORP.
SMBJ10C HY-SMBJ10C_17 Datasheet
146Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMF5-0 HY-SMF5-0_17 Datasheet
147Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMCJ HY-SMCJ Datasheet
115Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Lite-On Technology Corp...
SMB6.8 LITEON-SMB6.8 Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
HY ELECTRONIC CORP.
SMAJ10 HY-SMAJ10_17 Datasheet
146Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMCJ10C HY-SMCJ10C_17 Datasheet
171Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com