Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDSY115 Datasheet(PDF) 9 Page - Vishay Siliconix

No. de pieza TDSY115
Descripción Electrónicos  7 mm Seven Segment Display
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDSY115 Datasheet(HTML) 9 Page - Vishay Siliconix

  TDSY115 Datasheet HTML 1Page - Vishay Siliconix TDSY115 Datasheet HTML 2Page - Vishay Siliconix TDSY115 Datasheet HTML 3Page - Vishay Siliconix TDSY115 Datasheet HTML 4Page - Vishay Siliconix TDSY115 Datasheet HTML 5Page - Vishay Siliconix TDSY115 Datasheet HTML 6Page - Vishay Siliconix TDSY115 Datasheet HTML 7Page - Vishay Siliconix TDSY115 Datasheet HTML 8Page - Vishay Siliconix TDSY115 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
TDS.11..
Vishay Telefunken
9 (9)
Rev. A1, 02-Jun-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83124
Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to
1. Meet all present and future national and international statutory requirements.
2. Regularly and continuously improve the performance of our products, processes, distribution and operating
systems with respect to their impact on the health and safety of our employees and the public, as well as their
impact on the environment.
It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as
ozone depleting substances ( ODSs ).
The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and
forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban
on these substances.
Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of
ODSs listed in the following documents.
1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively
2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental
Protection Agency ( EPA ) in the USA
3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively.
Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting
substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice.
Parameters can vary in different applications. All operating parameters must be validated for each customer application
by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the
buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or
indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use.
Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423


Número de pieza similar - TDSY115

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TDSY1150 VISHAY-TDSY1150 Datasheet
163Kb / 8P
   Standard 7- Segment Display 7 mm
Rev. 1.4, 31-Aug-04
TDSY1150 VISHAY-TDSY1150 Datasheet
159Kb / 12P
   Standard 7-Segment Display 7 mm
Rev. 1.7, 30-Jun-10
TDSY1150 VISHAY-TDSY1150 Datasheet
167Kb / 12P
   Standard 7-Segment Display 7 mm
01-Jan-2022
TDSY1150 VISHAY-TDSY1150 Datasheet
166Kb / 12P
   Standard 7-Segment Display 7 mms
01-Jan-2022
TDSY1150 VISHAY-TDSY1150 Datasheet
167Kb / 12P
   Standard 7-Segment Display 7 mm
01-Jan-2023
More results

Descripción similar - TDSY115

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TDSL1150 VISHAY-TDSL1150 Datasheet
169Kb / 6P
   Low Current 7 mm Seven Segment Display
Rev. 1.4, 31-Aug-04
TDSL1150 VISHAY-TDSL1150_10 Datasheet
155Kb / 9P
   Low Current 7 mm Seven Segment Display
Rev. 1.5, 25-Jan-10
TDSR315 VISHAY-TDSR315 Datasheet
119Kb / 9P
   10 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSR515 VISHAY-TDSR515 Datasheet
120Kb / 10P
   13 mm Seven Segment Display
Rev. A1, 02-Jun-99
logo
TEMIC Semiconductors
TDSR515 TEMIC-TDSR515 Datasheet
129Kb / 9P
   13 mm Seven Segment Display
logo
Vishay Siliconix
TDSO1150 VISHAY-TDSO1150 Datasheet
163Kb / 8P
   Standard 7- Segment Display 7 mm
Rev. 1.4, 31-Aug-04
TDSG1150 VISHAY-TDSG1150_10 Datasheet
159Kb / 12P
   Standard 7-Segment Display 7 mm
Rev. 1.7, 30-Jun-10
TDSY1150 VISHAY-TDSY1150_V01 Datasheet
167Kb / 12P
   Standard 7-Segment Display 7 mm
01-Jan-2022
logo
LUMEX INC.
LDD-SMA5604RI-SI LUMEX-LDD-SMA5604RI-SI Datasheet
65Kb / 1P
   Seven Segment Display
logo
Vishay Siliconix
TDSG1150 VISHAY-TDSG1150_V02 Datasheet
167Kb / 12P
   Standard 7-Segment Display 7 mm
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com