Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SSA196 Datasheet(PDF) 1 Page - Bedford Opto Technology Ltd.

No. de pieza SSA196
Descripción Electrónicos  3mm LED ASSEMBLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOT [Bedford Opto Technology Ltd.]
Página de inicio  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.

SSA196 Datasheet(HTML) 1 Page - Bedford Opto Technology Ltd.

  SSA196 Datasheet HTML 1Page - Bedford Opto Technology Ltd. SSA196 Datasheet HTML 2Page - Bedford Opto Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10.26
3.54
5.08
4.32
6.45
11.16
2.54
2.16
3.5
1.27
2.54
0.5 SQUARE
+
0.6
3.0D
X
Y
SSA 196 SERIES
3mm LED ASSEMBLY
The SSA-196 series is a family of
display devices using a Black Nylon 6
UL-94VO rated housing to mount one
or two 3mm LEDs at right angles to a
PCB.
Accurate alignment of LEDs..
Unique Baseplate for accurate lead
positioning.
Shrouded LED to reduce cross
talk.
Bi-Colour and 2mA LEDs
available.
MECHANICAL DATA
BEDFORD OPTO TECHNOLOGY LTD
1 BIGGAR BUSINESS PARK, BIGGAR,LANARKSHIRE,ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009
Website: bot.co.uk E-mail: bill@bot.co.uk
ISS B 10.3.06
Pb
This
component
is RoHS
compliant


Número de pieza similar - SSA196

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bedford Opto Technology...
SSA190 BOT-SSA190 Datasheet
33Kb / 2P
   3mm LED ARRAY 6 WAY 2 HIGH
More results

Descripción similar - SSA196

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
A-BRIGHT Inc
AA-3A4-4G-KLH340 A-BRIGHT-AA-3A4-4G-KLH340_09 Datasheet
239Kb / 5P
   3mm LED Assembly
2009/2/27
logo
Bedford Opto Technology...
ORD9402 BOT-ORD9402 Datasheet
37Kb / 2P
   3mm LED INTERLOCKING ASSEMBLY
ORT33 BOT-ORT33 Datasheet
32Kb / 2P
   3 Tier 3mm LED ASSEMBLY
SSA187 BOT-SSA187 Datasheet
40Kb / 3P
   3 TIER 3mm LED ASSEMBLY
SSA150 BOT-SSA150 Datasheet
33Kb / 2P
   3 TIER 3mm LED ASSEMBLY
SSA149 BOT-SSA149 Datasheet
35Kb / 2P
   2 TIER 3mm LED ASSEMBLY
ORD9202 BOT-ORD9202 Datasheet
34Kb / 2P
   3mm LED ASSEMBLY IN LINE PINNING
logo
Bivar, Inc.
H101CGDL BIVAR-H101CGDL Datasheet
120Kb / 3P
   T-1 (3MM) 90° SINGLE-LEVEL LED ASSEMBLY
03/05/04
H101CBC BIVAR-H101CBC Datasheet
120Kb / 3P
   T-1 (3MM) 90° SINGLE-LEVEL LED ASSEMBLY
03/05/04
H101CEGC2.030 BIVAR-H101CEGC2.030 Datasheet
120Kb / 3P
   T-1 (3MM) 90° SINGLE-LEVEL LED ASSEMBLY
03/05/04
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com