Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SSA05320 Datasheet(PDF) 2 Page - celduc-relais

No. de pieza SSA05320
Descripción Electrónicos  Support Interfaces E/S DIN rail adaptor for I/O modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CELDUC [celduc-relais]
Página de inicio  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SSA05320 Datasheet(HTML) 2 Page - celduc-relais

  SSA05320 Datasheet HTML 1Page - celduc-relais SSA05320 Datasheet HTML 2Page - celduc-relais SSA05320 Datasheet HTML 3Page - celduc-relais SSA05320 Datasheet HTML 4Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
R
SSA MODULE
+
e
R
SSC MODULE
+
-
+
e
SEA MODULE
+
-
R
~
~
~
~
SEC MODULE
+
-
R
s
+
-
s
+V
Out (S)
Ov
10k
SUPPORT (SOCKET) EBS 01000
1
2
3
4
5
1
2
3
4
5
+
-
SEA 05004
SEA 05010
SEA 05020
SEA 24010
SEA 24020
SEC 05003
SEC 05101
SEC 05103
SEC 15003
SEC 15103
SEC 24001
SEC 24003
SSA 05320
SSA 15320
SSA 24320
SSC 05120
SSC 05306
SSC 15306
SSC 24306
36-60VAC/DC
90-140 VAC/DC
180-280 VAC/DC
90-140 VAC/DC
180-280VAC/DC
10-32VDC
3-10VDC
10-32VDC
10-32VDC
10-32VDC
3-10VDC
10-32VDC
3A
3A
3A
1A
3A
3A
3A
5 k
20 k
54 k
20 k
54 k
1 k
200
1 k
1 k
1 k
200
1 k
12-280VAC
12-280VAC
24-380VAC
12-200VAC
3-60VDC
3-60VDC
3-60VDC
5VDC (3-8V)
5VDC (3-8V)
5VDC (3-8V)
24VDC (15-30V)
24VDC (15-30V)
5VDC (3-8V)
5VDC (3-8V)
5VDC (3-8V)
15VDC (8-20V)
15VDC (8-20V)
24VDC (15-30V)
24VDC (15-30V)
5VDC (3-8V)
15VDC (8-20V)
24VDC (15-30V)
5VDC (3-8V)
5VDC (3-8V)
15VDC (8-20V)
24VDC (15-30V)
Module d'entrée Tension d'entrée R Entrée
Tension logique Sortie
Spécifications
Module de sortie
courant, Tension commut.
Tension de Cde
R Entrée
Spécifications
220
1 k
2200
220
220
1 k
2200
Sortie AC/ AC output
Sortie AC/ AC output
Sortie AC/ AC output
Sortie DC/ DC output
Sortie DC/ DC output
Sortie DC/ DC output
Sortie DC/ DC output
Entrée alt./cont. / AC/DC input
Entrée alt./cont. / AC/DC input
Entrée alt./cont. / AC/DC input
Entrée alt./cont. /AC/DC input
Entrée alt./cont. / AC/DC input
Entr cont./tempo / DC/time delay input
Entrée cont./rapide / DC/quick input
Entrée cont./rapide / DC/quick input
Entr cont./tempo / DC/time delay input
Entrée cont./rapide /DC/quick input
Entr cont./tempo / DC/time delay input
Entr cont./tempo / DC/time delay input
S/ACC/EBS01000/C/29/08/2003
page 2/4 F/GB
Input module
Input voltage
Input R
logic voltage
Output
Specifications
Output module
switching current,voltage
Control voltage
Input R
Spécifications
Rue Ampère B.P. 4
42290 SORBIERS - FRANCE
E-Mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
celduc
r
e
l
a
i
s
www.celduc.com
rouge
red
noir
black
jaune
yellow
blanc (boitier)
white (enclosure)
MODULES


Número de pieza similar - SSA05320

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bedford Opto Technology...
SSA019 BOT-SSA019 Datasheet
36Kb / 2P
   8 WAY 5mm LED ASSEMBLY
SSA021 BOT-SSA021 Datasheet
33Kb / 2P
   7 WAY 5mm LED ARRAY RIGHT ANGLE MOUNT
More results

Descripción similar - SSA05320

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
FIBOX Enclosing innovat...
4512190 FIBOX-4512190 Datasheet
35Kb / 1P
   DIN rail support
26.07.2023
logo
PHOENIX CONTACT
2750798 PHOENIX-2750798 Datasheet
99Kb / 6P
   INTERBUS ST bus terminal modules with additional interfaces (I/O)
2752411 PHOENIX-2752411 Datasheet
93Kb / 6P
   INTERBUS ST bus terminal modules with additional interfaces (I/O)
2723453 PHOENIX-2723453 Datasheet
86Kb / 6P
   INTERBUS ST bus terminal modules with additional interfaces (I/O)
2751218 PHOENIX-2751218 Datasheet
87Kb / 5P
   INTERBUS ST bus terminal modules with additional interfaces (I/O)
2721662 PHOENIX-2721662 Datasheet
87Kb / 6P
   INTERBUS ST bus terminal modules with additional interfaces (I/O)
logo
Crydom Inc.,
PB-8M CRYDOM-PB-8M Datasheet
1Mb / 3P
   I/O Modules
PB4H CRYDOM-PB4H Datasheet
354Kb / 3P
   I/O Modules
C4_INPUT CRYDOM-C4_INPUT Datasheet
1Mb / 4P
   I/O Modules
M_INPUT CRYDOM-M_INPUT Datasheet
456Kb / 4P
   I/O Modules
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com