Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSFF5400 Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza TSFF5400
Descripción Electrónicos  High Speed IR Emitting Diode in ø 5 mm (T–13/4) Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSFF5400 Datasheet(HTML) 3 Page - Vishay Siliconix

  TSFF5400 Datasheet HTML 1Page - Vishay Siliconix TSFF5400 Datasheet HTML 2Page - Vishay Siliconix TSFF5400 Datasheet HTML 3Page - Vishay Siliconix TSFF5400 Datasheet HTML 4Page - Vishay Siliconix TSFF5400 Datasheet HTML 5Page - Vishay Siliconix TSFF5400 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TSFF5400
Vishay Telefunken
3 (6)
Rev. 5, 29-Jun-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 81016
100
1000
0.01
0.10
1.00
10.00
100.00
tp – Pulse Duration ( ms )
16031
tp / T = 0.01
0.05
0.2
0.5
0.1
0.02
Tamb < 50°
Figure 3. Pulse Forward Current vs. Pulse Duration
0.1
1.0
10.0
100.0
1000.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VF – Forward Voltage ( V )
16030
Figure 4. Forward Current vs. Forward Voltage
0
20
406080
0.7
0.8
0.9
1.0
1.1
1.2
Tamb – Ambient Temperature ( °C )
100
94 7990 e
IF = 10 mA
Figure 5. Relative Forward Voltage vs.
Ambient Temperature
0.1
1.0
10.0
100.0
1000.0
1
10
100
1000
16032
IF – Forward Current ( mA )
Figure 6. Radiant Intensity vs. Forward Current
0.1
1.0
10.0
100.0
1000.0
1
10
100
1000
16033
IF – Forward Current ( mA )
Figure 7. Radiant Power vs. Forward Current
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
0
102030 405060 708090 100
Tamb – Ambient Temperature ( °C )
16034
IF = 20 mA
Figure 8. Rel. Radiant Intensity\Power vs.
Ambient Temperature


Número de pieza similar - TSFF5400

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TSFF5410 VISHAY-TSFF5410 Datasheet
134Kb / 5P
   High Speed IR Emitting Diode in 5 mm (T-1 3 /4) Package
Rev. 1.4, 23-Jun-04
TSFF5410 VISHAY-TSFF5410 Datasheet
109Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 870 nm, GaAlAs Double Hetero
Rev. 1.6, 21-Jul-08
TSFF5410 VISHAY-TSFF5410 Datasheet
111Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.7, 29-Jun-09
TSFF5410 VISHAY-TSFF5410 Datasheet
110Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.8, 24-Aug-11
TSFF5410 VISHAY-TSFF5410 Datasheet
108Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2022
More results

Descripción similar - TSFF5400

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TSHF5400 VISHAY-TSHF5400 Datasheet
84Kb / 6P
   High Speed IR Emitting Diode in ø 5 mm (T–13/4) Package
Rev. 7, 02-Aug-99
TSPF5400 VISHAY-TSPF5400 Datasheet
85Kb / 6P
   High Speed IR Emitting Diode in ø 5 mm (T–13/4) Package
Rev. 2, 20-May-99
TSFF5200 VISHAY-TSFF5200 Datasheet
87Kb / 6P
   High Speed IR Emitting Diode in ø5 mm (T–13/4) Package
Rev. 2, 29-Jun-99
TSFF5410 VISHAY-TSFF5410 Datasheet
134Kb / 5P
   High Speed IR Emitting Diode in 5 mm (T-1 3 /4) Package
Rev. 1.4, 23-Jun-04
TSHA650 VISHAY-TSHA650 Datasheet
88Kb / 6P
   GaAlAs Infrared Emitting Diodes in ø 5 mm (T–13/4) Package
Rev. 3, 20-May-99
TSHA520 VISHAY-TSHA520 Datasheet
89Kb / 6P
   GaAlAs Infrared Emitting Diodes in ø 5 mm (T–13/4) Package
Rev. 2, 20-May-99
TSHA620 VISHAY-TSHA620 Datasheet
87Kb / 6P
   GaAlAs Infrared Emitting Diodes in ø 5 mm (T–13/4) Package
Rev. 2, 20-May-99
TSMF1000 VISHAY-TSMF1000 Datasheet
38Kb / 4P
   High Speed IR Emitting Diode in ø SMD Package
Rev. 4, 31-Mar-00
TSAL7400 VISHAY-TSAL7400 Datasheet
76Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 3, 20-May-99
TSAL6200 VISHAY-TSAL6200 Datasheet
82Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 6, 20-May-99
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com