Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDD05-15S4 Datasheet(PDF) 6 Page - Chinfa Electronics Ind. Co., Ltd.

No. de pieza TDD05-15S4
Descripción Electrónicos  DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Página de inicio  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

TDD05-15S4 Datasheet(HTML) 6 Page - Chinfa Electronics Ind. Co., Ltd.

  TDD05-15S4 Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. TDD05-15S4 Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. TDD05-15S4 Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. TDD05-15S4 Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd. TDD05-15S4 Datasheet HTML 5Page - Chinfa Electronics Ind. Co., Ltd. TDD05-15S4 Datasheet HTML 6Page - Chinfa Electronics Ind. Co., Ltd. TDD05-15S4 Datasheet HTML 7Page - Chinfa Electronics Ind. Co., Ltd. TDD05-15S4 Datasheet HTML 8Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
sales@chinfa.com
CIRCUIT SCHEMATIC
Vo -
Vo +
Switching
Device
Rectifier
Vi +
Vi -
com
Vi +
Vi -
Vo -
Vo +
Rectifier
Switching
Device
TDD05 SERIES
5V INPUT MODEL
Block diagram for TDD05 5V input model with dual output
Block diagram for TDD05 5V input model with single output
Reference &
Error Amp.
Opto -
Isolation
PWM
Controller
Rectifier
PWM
Controller
Opto -
Isolation
Reference &
Error Amp.
www.chinfa.com
2007.06.23


Número de pieza similar - TDD05-15S4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Chinfa Electronics Ind....
TDD05-15S4 CHINFA-TDD05-15S4 Datasheet
202Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
TDD05-15S4 CHINFA-TDD05-15S4 Datasheet
177Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
More results

Descripción similar - TDD05-15S4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Chinfa Electronics Ind....
IDD05U CHINFA-IDD05U Datasheet
212Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
IDD05-03S4U CHINFA-IDD05-03S4U Datasheet
211Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05U CHINFA-RDD05U_11 Datasheet
382Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05-03S1U CHINFA-RDD05-03S1U Datasheet
503Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
TDD05-03S4 CHINFA-TDD05-03S4_10 Datasheet
202Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
IDD05U CHINFA-IDD05U_14 Datasheet
182Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
TDD05 CHINFA-TDD05_14 Datasheet
177Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05 CHINFA-RDD05_14 Datasheet
184Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05-03S1 CHINFA-RDD05-03S1 Datasheet
174Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05U CHINFA-RDD05U_14 Datasheet
177Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com