Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDD05-03S5 Datasheet(PDF) 8 Page - Chinfa Electronics Ind. Co., Ltd.

No. de pieza TDD05-03S5
Descripción Electrónicos  DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Página de inicio  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

TDD05-03S5 Datasheet(HTML) 8 Page - Chinfa Electronics Ind. Co., Ltd.

  TDD05-03S5 Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. TDD05-03S5 Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. TDD05-03S5 Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. TDD05-03S5 Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd. TDD05-03S5 Datasheet HTML 5Page - Chinfa Electronics Ind. Co., Ltd. TDD05-03S5 Datasheet HTML 6Page - Chinfa Electronics Ind. Co., Ltd. TDD05-03S5 Datasheet HTML 7Page - Chinfa Electronics Ind. Co., Ltd. TDD05-03S5 Datasheet HTML 8Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
www.chinfa.com
sales@chinfa.com
TDD05 SERIES
SINGLE & DUAL OUTPUT
MECHANISM & PIN CONFIGURATION
PHYSICAL CHARACTERISTICS
CASE SIZE
CASE MATERIAL
WEIGHT
50.8 x 25.4 x 12 mm 2 x 1 x 0.47 inches
Metal
35 g
PIN ASSIGNMENT
PIN NO.
SINGLE
Vi+
NO PIN
Vi -
DERATING
NATURAL
CONVECTION
COOLING
0
100
o
Ambient Temperature [ C ]
71
100
-25
1
mm [inch]
50.80 [2.00]
12.00 [0.47]
DIA 1.00 [0.04]
5.00 [0.20]
2
4
5
3
GENERAL
DUAL
Vi+
Vi -
Vo +
Vo +
com
Vo -
Vo -
2.54 [0.10]
BOTTOM VIEW
3
1
2
10.16 [0.40]
5.08 [0.20]
4
5
10.16 [0.40]
20.32 [0.80]
10.16 [0.40]
10.16 [0.40]
15.24 [0.60]
BURL AT 4 CORNER
2007.06.23


Número de pieza similar - TDD05-03S5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Chinfa Electronics Ind....
TDD05-03S5 CHINFA-TDD05-03S5 Datasheet
202Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
TDD05-03S5 CHINFA-TDD05-03S5 Datasheet
177Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
More results

Descripción similar - TDD05-03S5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Chinfa Electronics Ind....
IDD05U CHINFA-IDD05U Datasheet
212Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
IDD05-03S4U CHINFA-IDD05-03S4U Datasheet
211Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05U CHINFA-RDD05U_11 Datasheet
382Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05-03S1U CHINFA-RDD05-03S1U Datasheet
503Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
TDD05-03S4 CHINFA-TDD05-03S4_10 Datasheet
202Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
IDD05U CHINFA-IDD05U_14 Datasheet
182Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
TDD05 CHINFA-TDD05_14 Datasheet
177Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05 CHINFA-RDD05_14 Datasheet
184Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05-03S1 CHINFA-RDD05-03S1 Datasheet
174Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05U CHINFA-RDD05U_14 Datasheet
177Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com