Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TDD25-12S3 Datasheet(PDF) 3 Page - Chinfa Electronics Ind. Co., Ltd. |
|
TDD25-12S3 Datasheet(HTML) 3 Page - Chinfa Electronics Ind. Co., Ltd. |
3 / 4 page www.chinfa.com TDD25 SERIES SINGLE & DUAL OUTPUT Characteristics Conditions min. typ. max. unit Switching frequency Isolation voltage Isolation resistance Ambient temperature Vi nom, Io nom Input / Output Input / Output, @ 500VDC KHz 1,500 VDC M 100 Characteristics Conditions min. unit Output voltage accuracy Vi nom, Io nom typ. max. 2 % 200 2 % 48 Characteristics Conditions min. typ. max. unit Input voltage range 18 35 48 60 75 VDC VDC Ta min ... Ta max, Io nom 24 Minimum load Line regulation Io nom, Vi min ...Vi max Vi nom 0 10 % % % Load regulation o % / C Temperature coefficient Transient recovery time Vi nom, Io 0 ... Io nom , single output models Vi nom, Io nom 500 0.02 % % S 1 % Case temperature Operating at Vi nom, Io nom oC Storage temperature Non operational -40 + 100 + 100 oC Derating o % / C Vi nom No load input current 24V models 48V models mA mA Vi = nom Input voltage w/o damage 65 VDC VDC Io nom 24V models 48V models 80 3:1 models 2:1 models single output models dual output models (each output) Vi nom, Io min ... Io nom , dual output models -25 oC + 60 3.3V & 5V model 12V, 15V & dual output model -25 + 71 oC Input filter Pi type 10 15 OUTPUT SPECIFICATIONS Ripple & noise 25% load, step changed See derating curve o All Specifications Typical At Nominal Line, Full Load, 25 C Unless Otherwise Noticed SPECIFICATION 2 5 Startup voltage VDC Io nom 24V models 48V models 30 16 VDC sales@chinfa.com 3.3V & 5V models 12V & 12V Vi nom, Io nom, BW = 20MHz 15V & 15V mV 150 mV 240 mV 300 Voltage trim range 3.3V output models Vi nom 5 % 5V, 12V, 15V & dual % 10 Efficiency Up to 84%, See model list Vi nom, Io nom, Po / Pi INPUT SPECIFICATIONS Dimension L50.8 x W76.2 x H12 Cooling Free air convection Case material Metal mm GENERAL 2007.08.30 |
Número de pieza similar - TDD25-12S3 |
|
Descripción similar - TDD25-12S3 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |