Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MJ10020 Datasheet(PDF) 4 Page - Mospec Semiconductor

No. de pieza MJ10020
Descripción Electrónicos  POWER TRANSISTORS(60A,200-250V,250W)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOSPEC [Mospec Semiconductor]
Página de inicio  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

MJ10020 Datasheet(HTML) 4 Page - Mospec Semiconductor

  MJ10020 Datasheet HTML 1Page - Mospec Semiconductor MJ10020 Datasheet HTML 2Page - Mospec Semiconductor MJ10020 Datasheet HTML 3Page - Mospec Semiconductor MJ10020 Datasheet HTML 4Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
A


Número de pieza similar - MJ10020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MJ10020 MOTOROLA-MJ10020 Datasheet
293Kb / 8P
   60 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 200 AND 250 VOLTS 250 WATTS
logo
ON Semiconductor
MJ10020 ONSEMI-MJ10020 Datasheet
293Kb / 8P
   NPN SILICON POWER DARLINGTON TRANSISTORS
1995
logo
New Jersey Semi-Conduct...
MJ10020 NJSEMI-MJ10020 Datasheet
101Kb / 2P
   NPN Silicon Power Darlington Transistors with Base-Emitter Speedup Diode
logo
Continental Device Indi...
MJ10020 CDIL-MJ10020 Datasheet
1Mb / 10P
   NPN Silicon Power DarligtonTransistor with Base-Emitter Speedup Diode 60 AMPERE, 200 AND 250 VOLTS, 250 WATTS
Rev0
More results

Descripción similar - MJ10020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
MJ15022 MOSPEC-MJ15022 Datasheet
153Kb / 3P
   POWER TRANSISTOR(16A,200-250V,250W)
MJ15023 MOSPEC-MJ15023 Datasheet
141Kb / 3P
   POWER TRANSISTOR(16A,200-250V,250W)
MJ15003 MOSPEC-MJ15003 Datasheet
156Kb / 3P
   POWER TRANSISTORS(20A,140V,250W)
MJ10022 MOSPEC-MJ10022 Datasheet
202Kb / 4P
   POWER TRANSISTORS(40A,350-400V,250W)
MJ10015 MOSPEC-MJ10015 Datasheet
181Kb / 4P
   POWER TRANSISTORS(50A,400-500V,250W)
MJ10024 MOSPEC-MJ10024 Datasheet
205Kb / 4P
   POWER TRANSISTORS(20A,750-850V,250W)
logo
Nell Semiconductor Co.,...
MJ15003 NELLSEMI-MJ15003 Datasheet
208Kb / 4P
   Complementary Silicon power transistors (20A / 140V / 250W)
logo
List of Unclassifed Man...
R1J-250I1H2A0 ETC2-R1J-250I1H2A0 Datasheet
734Kb / 12P
   250W250W Redundant Power Supply
logo
Mospec Semiconductor
2SD1088 MOSPEC-2SD1088 Datasheet
111Kb / 3P
   POWER TRANSISTORS(6A,250V,30W)
logo
National Instruments Co...
P2H60F2 NI-P2H60F2_15 Datasheet
208Kb / 2P
   60A Avg 200 Volts
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com