Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME5144 Datasheet(PDF) 7 Page - AMETHERM Circuit Protection Thermistors

No. de pieza AME5144
Descripción Electrónicos  High Efficiency, 37V Step-Up Converter for 2 to 10 White LEDs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMETHERM [AMETHERM Circuit Protection Thermistors]
Página de inicio  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

AME5144 Datasheet(HTML) 7 Page - AMETHERM Circuit Protection Thermistors

Back Button AME5144 Datasheet HTML 3Page - AMETHERM Circuit Protection Thermistors AME5144 Datasheet HTML 4Page - AMETHERM Circuit Protection Thermistors AME5144 Datasheet HTML 5Page - AMETHERM Circuit Protection Thermistors AME5144 Datasheet HTML 6Page - AMETHERM Circuit Protection Thermistors AME5144 Datasheet HTML 7Page - AMETHERM Circuit Protection Thermistors AME5144 Datasheet HTML 8Page - AMETHERM Circuit Protection Thermistors AME5144 Datasheet HTML 9Page - AMETHERM Circuit Protection Thermistors AME5144 Datasheet HTML 10Page - AMETHERM Circuit Protection Thermistors AME5144 Datasheet HTML 11Page - AMETHERM Circuit Protection Thermistors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AME
7
AME5144
Rev.D.01
C
ie
High Efficiency, 37V Step-Up
Converter for 2 to 10 White LEDs
n Electrical Specifications (contd.)
Note 1: VD is the forward-voltage drop of the Schottky diode in Typical Application.
Note 2: Time from CTRL going below the Dual-Mode threshold to IC shutdown.
Parameter
Symbol
Min
Typ
Max Units
CS to Comp Transconductance
Gm
32
50
82
µS
COMP Input Resistance to
Ground
20
K
Switch Frequency
fOSC
0.75
1.0
1.25
MHz
12
0
Maximum Duty Cycle
DMAX
94
95
%
Switch On-Resistance
RDS,ON
0.8
1.35
Switch Leakage Current
ISW,LK
0.01
5
µΑ
Switch Current Limit
ISW,CL
500
700
900
mA
ISW=190mA
%
In shutdown, UVLO or OVLO
DMIN
Minimum Duty Cycle
PWM Mode
Test Condition
Duty Cycle=90%
CTRL=IN, CS=GND
VCOMP=1.5V
VSW=37V,
CTRL=GND
Pulse Skipping


Número de pieza similar - AME5144

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME5140 AME-AME5140 Datasheet
219Kb / 22P
   1.6 MHz Boost Converter With 30V Internal FET Switch
AME5140AEEAADJY AME-AME5140AEEAADJY Datasheet
219Kb / 22P
   1.6 MHz Boost Converter With 30V Internal FET Switch
AME5140AEEAADJZ3 AME-AME5140AEEAADJZ3 Datasheet
219Kb / 22P
   1.6 MHz Boost Converter With 30V Internal FET Switch
AME5140AEEVADJY AME-AME5140AEEVADJY Datasheet
219Kb / 22P
   1.6 MHz Boost Converter With 30V Internal FET Switch
AME5140AEEVADJZ AME-AME5140AEEVADJZ Datasheet
219Kb / 22P
   1.6 MHz Boost Converter With 30V Internal FET Switch
More results

Descripción similar - AME5144

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Anpec Electronics Corop...
APW7209 ANPEC-APW7209 Datasheet
377Kb / 14P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 10 White LEDs
APW7209 ANPEC-APW7209_13 Datasheet
375Kb / 17P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 10 White LEDs
APW7208 ANPEC-APW7208 Datasheet
341Kb / 16P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 6 White LEDs
APW7136A ANPEC-APW7136A Datasheet
423Kb / 15P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
logo
TECHCODE SEMICONDUCTOR,...
TD8202 TECHCODE-TD8202 Datasheet
989Kb / 16P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
logo
Anpec Electronics Corop...
APW7207 ANPEC-APW7207 Datasheet
323Kb / 16P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 6 White LEDs
APW7136A ANPEC-APW7136A_10 Datasheet
359Kb / 17P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
logo
Maxim Integrated Produc...
MAX1553 MAXIM-MAX1553 Datasheet
347Kb / 11P
   High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
19-2875; Rev 0; 6/03
MAX1553 MAXIM-MAX1553_15 Datasheet
225Kb / 10P
   High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
Rev 2; 5/15
logo
Anpec Electronics Corop...
APW7207 ANPEC-APW7207_12 Datasheet
392Kb / 18P
   1MHz, High-Efficiency, Step-Up Converter for White LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com