Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN4800AMY Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FAN4800AMY
Descripción Electrónicos  PFC/PWM Controller Combination
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4800AMY Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN4800AMY Datasheet HTML 1Page - Fairchild Semiconductor FAN4800AMY Datasheet HTML 2Page - Fairchild Semiconductor FAN4800AMY Datasheet HTML 3Page - Fairchild Semiconductor FAN4800AMY Datasheet HTML 4Page - Fairchild Semiconductor FAN4800AMY Datasheet HTML 5Page - Fairchild Semiconductor FAN4800AMY Datasheet HTML 6Page - Fairchild Semiconductor FAN4800AMY Datasheet HTML 7Page - Fairchild Semiconductor FAN4800AMY Datasheet HTML 8Page - Fairchild Semiconductor FAN4800AMY Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4800A/C, FAN4801/1S/2/2L • Rev. 1.0.1
2
Ordering Information
Part Number
Operating
Temperature Range
Eco
Status
Package
Packing
Method
FAN4800ANY
-40°C to +105°C
Green
16-pin Dual In-Line Package (DIP)
Tube
FAN4800CNY
-40°C to +105°C
Green
16-pin Dual In-Line Package (DIP)
Tube
FAN4800AMY
-40°C to +105°C
Green
16-pin Small Out-Line Package (SOP)
Tape & Reel
FAN4800CMY
-40°C to +105°C
Green
16-pin Small Out-Line Package (SOP)
Tape & Reel
FAN4801NY
-40°C to +105°C
Green
16-pin Dual In-Line Package (DIP)
Tube
FAN4801SNY
-40°C to +105°C
Green
16-pin Dual In-Line Package (DIP)
Tube
FAN4802NY
-40°C to +105°C
Green
16-pin Dual In-Line Package (DIP))
Tube
FAN4802LNY
-40°C to +105°C
Green
16-pin Dual In-Line Package (DIP))
Tube
FAN4801MY
-40°C to +105°C
Green
16-pin Small Out-Line Package (SOP)
Tape & Reel
FAN4801SMY
-40°C to +105°C
Green
16-pin Small Out-Line Package (SOP)
Tape & Reel
FAN4802MY
-40°C to +105°C
Green
16-pin Small Out-Line Package (SOP)
Tape & Reel
FAN4802LMY
-40°C to +105°C
Green
16-pin Small Out-Line Package (SOP)
Tape & Reel
For Fairchild’s definition of “green” Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.
Part Number
PFC:PWM Frequency Ratio
Brown Out / In
Range In / Out
FAN4800ANY
1:1
1.05V / 1.90V
N.A
FAN4800AMY
1:1
1.05V / 1.90V
N.A
FAN4800CNY
1:2
1.05V / 1.90V
N.A
FAN4800CMY
1:2
1.05V / 1.90V
N.A
FAN4801NY
1:1
1.05V / 1.90V
1.95V / 2.45V
FAN4801SNY
1:1
1.05V / 1.90V
2.80V / 3.35V
FAN4802NY
1:2
1.05V / 1.90V
1.95V / 2.45V
FAN4802LNY
1:2
0.90V / 1.65V
1.95V / 2.45V
FAN4801MY
1:1
1.05V / 1.90V
1.95V / 2.45V
FAN4801SMY
1:1
1.05V / 1.90V
2.80V / 3.35V
FAN4802MY
1:2
1.05V / 1.90V
1.95V / 2.45V
FAN4802LMY
1:2
0.90V / 1.65V
1.95V / 2.45V


Número de pieza similar - FAN4800AMY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN4800AMY FAIRCHILD-FAN4800AMY Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
More results

Descripción similar - FAN4800AMY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN3988IL6X-F113 FAIRCHILD-FAN3988IL6X-F113 Datasheet
992Kb / 21P
   PFC/ PWM Controller Combination
logo
Texas Instruments
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
UCC18500 TI-UCC18500 Datasheet
91Kb / 8P
[Old version datasheet]   BiCMOS PFC/PWM Combination Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com