Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN6961SY Datasheet(PDF) 9 Page - Fairchild Semiconductor

No. de pieza FAN6961SY
Descripción Electrónicos  Boundary Mode PFC Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6961SY Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN6961SY Datasheet HTML 5Page - Fairchild Semiconductor FAN6961SY Datasheet HTML 6Page - Fairchild Semiconductor FAN6961SY Datasheet HTML 7Page - Fairchild Semiconductor FAN6961SY Datasheet HTML 8Page - Fairchild Semiconductor FAN6961SY Datasheet HTML 9Page - Fairchild Semiconductor FAN6961SY Datasheet HTML 10Page - Fairchild Semiconductor FAN6961SY Datasheet HTML 11Page - Fairchild Semiconductor FAN6961SY Datasheet HTML 12Page - Fairchild Semiconductor FAN6961SY Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6961 • Rev. 1.0.2
9
Functional Description
Error Amplifier
The inverting input of the error amplifier is referenced to
INV. The output of the error amplifier is referenced to
COMP. The non-inverting input is internally connected
to a fixed 2.5V ± 2% voltage. The output of the error
amplifier is used to determine the on-time of the PWM
output and regulate the output voltage. To achieve a
low input current THD, the variation of the on time
within one input AC cycle should be very small. A multi-
vector error amplifier is built in to provide fast transient
response and precise output voltage clamping.
For FAN6961, connecting a capacitance, such as 1µF,
between COMP and GND is suggested. The error
amplifier is a trans-conductance amplifier that converts
voltage to current with a 125µmho.
Startup Current
Typical startup current is less than 20µA. This ultra-low
startup current allows the usage of high resistance,
low-wattage start-up resistor. For example, 1MΩ/0.25W
startup resistor and a 10µF/25V (VCC hold-up) capacitor
are recommended for an AC-to-DC power adaptor with
a wide input range 85-265VAC.
Operating Current
Operating current is typically 4.5mA. The low operating
current enables a better efficiency and reduces the
requirement of VCC hold-up capacitance.
Maximum On-Time Operation
Given a fixed inductor value and maximum output
power, the relationship between on-time and line
voltage is:
η
=
2
2
rms
o
on
V
P
L
t
(1)
If the line voltage is too low or the inductor value is too
high, tON is too long. To avoid extra low operating
frequency and achieve brownout protection, the
maximum value of tON is programmable by one resistor,
RI, connected between MOT and GND. A 24kΩ resistor
RI generates corresponds to 25µs maximum on time:
()
s
k
R
t
I
on
μ
24
25
)
(
(max)
Ω
=
(2)
The range of the maximum on-time is designed as 10 ~
50µs.
Peak Current Limiting
The switch current is sensed by one resistor. The
signal is feed into CS pin and an input terminal of a
comparator. A high voltage in CS pin terminates a
switching cycle immediately and cycle-by-cycle current
limit is achieved. The designed threshold of the
protection point is 0.82V.
Leading-Edge Blanking (LEB)
A turn-on spike on CS pin appears when the power
MOSFET is switched on. At the beginning of each
switching pulse, the current-limit comparator is disabled
for around 400ns to avoid premature termination. The
gate drive output cannot be switched off during the
blanking period. Conventional RC filtering is not
necessary, so the propagation delay of current limit
protection can be minimized.
Under-Voltage Lockout (UVLO)
The turn-on and turn-off threshold voltage is fixed
internally at 12V/9.5V. This hysteresis behavior
guarantees a one-shot start-up with proper start-up
resistor and hold-up capacitor. With an ultra-low start-
up current of 20µA, one 1MΩ RIN is sufficient for start-
up under low input line voltage, 85Vrms. Power
dissipation on RIN would be less than 0.1W even under
high line (VAC=265Vrms) condition.
Output Driver
With low on resistance and high current driving
capability, the output driver can drive an external
capacitive load larger than 3000pF. Cross conduction
current has been avoided to minimize heat dissipation,
improving efficiency and reliability. This output driver is
internally clamped by a 16.5V Zener diode.
Zero-Current Detection (ZCD)
The zero-current detection of the inductor is achieved
using its auxiliary winding. When the stored energy of
the inductor is fully released to output, the voltage on
ZCD goes down and a new switching cycle is enabled
after a ZCD trigger. The power MOSFET is always
turned on with zero inductor current such that turn-on
loss and noise can be minimized. The converter works
in boundary mode and peak inductor current is always
exactly twice of the average current. A natural power
factor correction function is achieved with the low-
bandwidth, on-time modulation. An inherent maximum
off time is built in to ensure proper start-up operation.
This ZCD pin can be used as a synchronous input.
Noise Immunity
Noise on the current sense or control signal can cause
significant
pulse-width
jitter,
particularly
in
the
boundary-mode operation. Slope compensation and
built-in debounce circuit can alleviate this problem.
Because the FAN6961 has a single ground pin, high
sink current at the output cannot be returned
separately. Good high-frequency or RF layout practices
should be followed. Avoiding long PCB traces and
component leads, locating compensation and filter
components near to the FAN6961, and increasing the
power MOSFET gate resistance improve performance.


Número de pieza similar - FAN6961SY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN6961 FAIRCHILD-FAN6961 Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controllers
More results

Descripción similar - FAN6961SY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Monolithic Power System...
MP44010 MPS-MP44010 Datasheet
416Kb / 14P
   Boundary Mode PFC Controller
MP44014 MPS-MP44014 Datasheet
383Kb / 12P
   Boundary Mode PFC Controller
MP44014-A MPS-MP44014-A Datasheet
420Kb / 13P
   Boundary Mode PFC Controller
MP44011 MPS-MP44011 Datasheet
446Kb / 15P
   Boundary-Mode PFC Controller with Harmonic Injection
logo
Fairchild Semiconductor
FL6961 FAIRCHILD-FL6961 Datasheet
493Kb / 11P
   Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
logo
ON Semiconductor
FL7930C ONSEMI-FL7930C Datasheet
2Mb / 22P
   Single-Stage Flyback and Boundary-Mode PFC Controller for Lighting
August-2017 Rev 2
FL6961 ONSEMI-FL6961 Datasheet
456Kb / 13P
   Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
January 2012 Rev. 1.0.2
FL7930B ONSEMI-FL7930B Datasheet
1Mb / 25P
   Single-Stage Flyback and Boundary-Mode PFC Controller for Lighting
Rev. 1.0.4
logo
Fairchild Semiconductor
AN-8035 FAIRCHILD-AN-8035 Datasheet
1Mb / 22P
   Boundary Conduction Mode Power Factor Correction (PFC)
FL7930 FAIRCHILD-FL7930 Datasheet
1Mb / 20P
   Single-Stage Flyback and Boundary-Mode PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com