Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN9612MX Datasheet(PDF) 8 Page - Fairchild Semiconductor

No. de pieza FAN9612MX
Descripción Electrónicos  Interleaved Dual BCM PFC Controller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN9612MX Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN9612MX Datasheet HTML 4Page - Fairchild Semiconductor FAN9612MX Datasheet HTML 5Page - Fairchild Semiconductor FAN9612MX Datasheet HTML 6Page - Fairchild Semiconductor FAN9612MX Datasheet HTML 7Page - Fairchild Semiconductor FAN9612MX Datasheet HTML 8Page - Fairchild Semiconductor FAN9612MX Datasheet HTML 9Page - Fairchild Semiconductor FAN9612MX Datasheet HTML 10Page - Fairchild Semiconductor FAN9612MX Datasheet HTML 11Page - Fairchild Semiconductor FAN9612MX Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN9612 • Rev. 0.9.1E
8
PRELIMINARY
Electrical Characteristics (Continued)
Unless otherwise noted, VDD = 12V, TJ = -40°C to +125°C. Currents are defined as positive into the device and
negative out of the device.
Frequency Clamp
(4) (each channel)
fSW,CL
Maximum Switching Frequency
600
kHz
Current Sense
CS Input Threshold Voltage Limit
0.18
0.20
0.22
V
CS Input Current
VCSX = 0 V to 1 V
–0.1
0.1
µA
CS to Output Delay
CS stepped from 0V to 5V
65
90
ns
Zero Current Detection
Input Voltage Threshold
(4)
-0.1
0.0
0.1
V
Input High Clamp voltage
IZCD = 0.5mA
0.2
V
Input Low Clamp voltage
IZCD = –0.5mA
-0.2
V
Source Current Capability
(4)
--
--
1
mA
Sink Current Capability
(4)
--
--
10
mA
Maximum Turn-on Delay (ZCDx to
OUTx )
(4)
60
100
ns
Output
ISINK
OUTx Current, Mid-Voltage,
Sinking
(4)
VOUTx = VDD/2; CLOAD = 0.1µF
1.8
A
ISOURCE
OUTx Current, Mid-Voltage,
Sourcing
(4)
VOUTx = VDD/2; CLOAD = 0.1µF
0.8
A
tRISE
Rise Time
CLOAD = 1nF, 10% to 90%
--
30
50
ns
tFALL
Fall Time
CLOAD = 1nF, 90% to 10%
--
30
50
ns
Output voltage during UVLO
VCC = 5V; Iout = 100µA
--
--
1
V
Reverse Current Withstand
500
mA
Soft Start
(CSS = 0.1 µF)
Maximum Soft Start Current
VCOMP < 3.0 V
5
6
µA
Minimum Soft Start Current
VCOMP > 4.5 V
0.5
µA
Brown-Out Protection
(Input)
Turn-On / Turn-Off Threshold
1.0
V
VIN OVP Threshold
3.8
V
VIN Sink Current
VVIN > 1.1 V
100
nA
VIN Sink Current
VVIN < 0.9 V
2
µA
Phase Shedding
(Input)
VCOMP
Phase Shedding Threshold
VCOMP decreasing, transition
from dual to single phase
1.5
1.6
1.7
V
VCOMP
Phase Adding Threshold
VCOMP increasing, transition
from single to dual phase
1.9
2.05
2.2
V


Número de pieza similar - FAN9612MX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN9612MX FAIRCHILD-FAN9612MX Datasheet
1Mb / 35P
   Interleaved Dual BCM PFC Controllers
FAN9612MX FAIRCHILD-FAN9612MX Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controllers
FAN9612MX FAIRCHILD-FAN9612MX Datasheet
1Mb / 36P
   Interleaved Dual BCM PFC Controllers
More results

Descripción similar - FAN9612MX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN9611_1112 FAIRCHILD-FAN9611_1112 Datasheet
1Mb / 36P
   Interleaved Dual BCM PFC Controllers
FAN9611 FAIRCHILD-FAN9611 Datasheet
1Mb / 35P
   Interleaved Dual BCM PFC Controllers
FAN9611 FAIRCHILD-FAN9611_11 Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controllers
AN-9717 FAIRCHILD-AN-9717 Datasheet
5Mb / 30P
   Dual BCM PFC Controller
logo
NXP Semiconductors
TEA2376DT NXP-TEA2376DT Datasheet
483Kb / 46P
   Digital configurable interleaved PFC controller
Rev. 1 - 10 August 2023
TEA2376AT NXP-TEA2376AT Datasheet
459Kb / 43P
   Digital configurable interleaved PFC controller
Rev. 1 - 8 November 2023
TEA2376BT NXP-TEA2376BT Datasheet
466Kb / 43P
   Digital configurable interleaved PFC controller
Rev. 1 - 10 August 2023
logo
ON Semiconductor
FAN9673 ONSEMI-FAN9673 Datasheet
1Mb / 26P
   Three-Channel Interleaved CCM PFC Controller
June, 2019 ??Rev. 7
logo
Texas Instruments
UCC28070 TI-UCC28070 Datasheet
403Kb / 27P
[Old version datasheet]   Two-Phase Interleaved CCM PFC Controller
logo
ON Semiconductor
FAN9672 ONSEMI-FAN9672 Datasheet
1Mb / 26P
   Two-Channel Interleaved CCM PFC Controller
June, 2019 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com