Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ACT16652DLRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza 74ACT16652DLRG4
Descripción Electrónicos  16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

74ACT16652DLRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button 74ACT16652DLRG4 Datasheet HTML 3Page - Texas Instruments 74ACT16652DLRG4 Datasheet HTML 4Page - Texas Instruments 74ACT16652DLRG4 Datasheet HTML 5Page - Texas Instruments 74ACT16652DLRG4 Datasheet HTML 6Page - Texas Instruments 74ACT16652DLRG4 Datasheet HTML 7Page - Texas Instruments 74ACT16652DLRG4 Datasheet HTML 8Page - Texas Instruments 74ACT16652DLRG4 Datasheet HTML 9Page - Texas Instruments 74ACT16652DLRG4 Datasheet HTML 10Page - Texas Instruments 74ACT16652DLRG4 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
54ACT16652, 74ACT16652
16-BIT TRANSCEIVERS AND REGISTERS
WITH 3-STATE OUTPUTS
SCAS128C – MARCH 1990 – REVISED APRIL 1996
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
54ACT16652
74ACT16652
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
IOH =50 µA
4.5 V
4.4
4.4
4.4
IOH = –50 µA
5.5 V
5.4
5.4
5.4
VOH
IOH =24 mA
4.5 V
3.94
3.8
3.8
V
IOH = –24 mA
5.5 V
4.94
4.8
4.8
IOH = –75 mA†
5.5 V
3.85
3.85
IOL =50 µA
4.5 V
0.1
0.1
0.1
IOL = 50 µA
5.5 V
0.1
0.1
0.1
VOL
IOL =24 mA
4.5 V
0.36
0.44
0.44
V
IOL = 24 mA
5.5 V
0.36
0.44
0.44
IOL = 75 mA†
5.5 V
1.65
1.65
II
Control inputs
VI = VCC or GND
5.5 V
±0.1
±1
±1
µA
IOZ‡
A or B ports
VO = VCC or GND
5.5 V
±0.5
±5
±5
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
8
80
80
µA
∆ICC§
One input at 3.4 V,
Other inputs at VCC or GND
5.5 V
0.9
1
1
mA
Ci
Control inputs
VI = VCC or GND
5 V
4
pF
Cio
A or B ports
VO = VCC or GND
5 V
12
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.
‡ For I/O ports, the parameter IOZ includes the input leakage current.
§ This is the increase in supply current for each input that is at one of the specified TTL voltage levels rather than 0 V or VCC.
timing requirements over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
TA = 25°C
54ACT16652
74ACT16652
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
0
90
0
90
0
90
MHz
tw
Pulse duration, CLKAB or CLKBA high or low
5.5
5.5
5.5
ns
tsu
Setup time, A before CLKAB
↑ or B before CLKBA↑
4.5
4.5
4.5
ns
th
Hold time, A after CLKAB
↑ or B after CLKBA↑
1
1
1
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Número de pieza similar - 74ACT16652DLRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74ACT16651 TI-74ACT16651 Datasheet
175Kb / 10P
[Old version datasheet]   16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
74ACT16651DL TI-74ACT16651DL Datasheet
175Kb / 10P
[Old version datasheet]   16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
74ACT16651DL TI1-74ACT16651DL Datasheet
375Kb / 13P
[Old version datasheet]   16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
APRIL 1996
74ACT16651DLG4 TI1-74ACT16651DLG4 Datasheet
375Kb / 13P
[Old version datasheet]   16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
APRIL 1996
74ACT16651DLR TI1-74ACT16651DLR Datasheet
375Kb / 13P
[Old version datasheet]   16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
APRIL 1996
More results

Descripción similar - 74ACT16652DLRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN54ACT16651 TI1-SN54ACT16651_06 Datasheet
375Kb / 13P
[Old version datasheet]   16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
APRIL 1996
logo
Fairchild Semiconductor
74ABT16646 FAIRCHILD-74ABT16646 Datasheet
84Kb / 9P
   16-Bit Transceivers and Registers with 3-STATE Outputs
74ABT16652 FAIRCHILD-74ABT16652 Datasheet
92Kb / 9P
   16-Bit Transceivers and Registers with 3-STATE Outputs
logo
Texas Instruments
SN54ACT16651 TI-SN54ACT16651 Datasheet
175Kb / 10P
[Old version datasheet]   16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16646 TI-SN54ABT16646 Datasheet
247Kb / 15P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54AC16652 TI-54AC16652_08 Datasheet
383Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54ACT16646 TI-54ACT16646 Datasheet
241Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16652 TI-SN54ABT16652_07 Datasheet
379Kb / 16P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16652 TI-SN54ABT16652 Datasheet
237Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16646 TI-SN54ABT16646_08 Datasheet
390Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com