Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74AC11004N Datasheet(PDF) 2 Page - Texas Instruments |
|
|
74AC11004N Datasheet(HTML) 2 Page - Texas Instruments |
2 / 5 page 74AC11004 HEX INVERTER SCAS033B – JANUARY 1988 – REVISED APRIL 1996 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 logic diagram (positive logic) 5Y 5A 12 9 4Y 4A 13 8 3Y 3A 18 3 2Y 2A 19 2 1Y 1A 20 1 6Y 6A 11 10 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage range, VCC –0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (see Note 1) –0.5 V to VCC + 0.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output voltage range, VO (see Note 1) –0.5 V to VCC + 0.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input clamp current, IIK (VI < 0 or VI > VCC) ±20 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output clamp current, IOK (VO < 0 or VO > VCC) ±50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous output current, IO (VO = 0 to VCC) ±50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous current through VCC or GND ±100 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Maximum power dissipation at TA = 55°C (in still air) (see Note 2): DW package 1.6 W . . . . . . . . . . . . . . . . . . DB package 0.6 W . . . . . . . . . . . . . . . . . . . N package 1.3 W . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg –65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. 2. The maximum package power dissipation is calculated using a junction temperature of 150 _C and a board trace length of 750 mils, except for the N package, which has a trace length of zero. |
Número de pieza similar - 74AC11004N |
|
Descripción similar - 74AC11004N |