Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA6505 Datasheet(PDF) 3 Page - Sanyo Semicon Device

No. de pieza LA6505
Descripción Electrónicos  For CD-ROM, DVD-ROM and MD players
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6505 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA6505 Datasheet HTML 1Page - Sanyo Semicon Device LA6505 Datasheet HTML 2Page - Sanyo Semicon Device LA6505 Datasheet HTML 3Page - Sanyo Semicon Device LA6505 Datasheet HTML 4Page - Sanyo Semicon Device LA6505 Datasheet HTML 5Page - Sanyo Semicon Device LA6505 Datasheet HTML 6Page - Sanyo Semicon Device LA6505 Datasheet HTML 7Page - Sanyo Semicon Device LA6505 Datasheet HTML 8Page - Sanyo Semicon Device LA6505 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LA6505
No.A0595-3/13
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Spindle Motor Driver Block (Output Block)
VOSATL
IO = 0.5A, VO (SINK)
0.4
0.45
V
Output saturation voltage
VOSATH
IO = 0.5A, VO (SOURCE)
1.2
1.5
V
IO-LEAK (L)
Sink side
100
μA
Output leakage current
IO-LEAK (H)
Source side
100
μA
Hall Amplifier Block
Input offset voltage
VOFF-HALL
-6
6
mV
Input bias current
IHB
1
3
μA
Input voltage range
VICM
1.3
4
V
Minimum Hall sensor input level
VHIN
60
mV
PWM Oscillator
PWM oscillator frequency
FOSC
Between OSC and ground : 330 pF
65
86
105
kHz
Input Amplifier
VC pin input current
IVCTL
VC = VREF = 1.65V, spindle motor driver
input
1
μA
Forward gain
GDF+
0.4
0.46
0.52
V/V
Reverse gain
GDF-
0.4
0.46
0.52
V/V
Forward limiter voltage
VRF1
0.42
0.5
0.58
V
Reverse limiter voltage
VRF2
0.42
0.5
0.58
V
Startup voltage
VIN
1.5
1.8
V
Input dead zone width
VDZ-SPDL
150
200
250
mV
FG Pin : Speed pulse output
Low-level output voltage
VFGL
IFG = 2mA
0.4
V
Hall comparator hysteresis
VFGHYS
4
8
15
mV
Hall Sensor Power Supply
Hall sensor power supply voltage
VH
IH = 5 mA, with respect to the ground
potential.
0.8
1.2
V
Allowable current
IH
20
mA
Sled Driver Block (Output Block)
Maximum output voltage
VO-SLD
IO = 0.2A
6.35
6.8
V
IOLEAK (L)
Sink side
100
μA
Output leakage current
IOLEAK (H)
Source side
100
μA
Input Amplifier
VIN pin input current
IVCTL
VC = VREF = 1.65V, sled driver input
1
μA
I/O gain
VG-SLD
0.2
0.23
0.26
V/V
Output limit voltage
LIMT-SLD
0.21
0.25
0.29
V
Startup voltage
VIN
1.5
1.8
V
Input dead zone width
VDZ-SLD
100
150
200
mV
Input voltage range
VIN-OP (SLD)
Design guarantee, input buffer amplifier
0
VCC-1.5
V
Output on delay time
TON
2
10
μs
Output off delay time
TOFF
2
10
μs
Switching time
TSW
2
10
μs
Focus and Tracking (BTL-AMP)
Output offset voltage
VOFF-BTL
Input operational amplifier buffer
-50
50
mV
Maximum output voltage
VO-BTL
IO = 0.3A
5.7
6
V
I/O gain
VG-BTL
3.6
4
4.4
times
Slew rate
SR
Across the BTL amplifier output
1
V/
μs
Input voltage range
VIN-OP (BTL)
Design guarantee, input buffer amplifier
0
VCC-1.5
V
Continued on next page.


Número de pieza similar - LA6505

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA6500 SANYO-LA6500 Datasheet
31Kb / 3P
   Power Operational Amplifier
LA6500 SANYO-LA6500 Datasheet
85Kb / 4P
   Power Operational Amplifier
logo
ON Semiconductor
LA6500 ONSEMI-LA6500 Datasheet
69Kb / 4P
   Power Operational Amplifier
June, 2013
logo
Sanyo Semicon Device
LA6500 SANYO-LA6500_08 Datasheet
85Kb / 4P
   Power Operational Amplifier
LA6501 SANYO-LA6501 Datasheet
51Kb / 3P
   Power Operational Amplifier
More results

Descripción similar - LA6505

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA2586M SONY-CXA2586M Datasheet
91Kb / 8P
   PDIC for CD-ROM/DVD-ROM
logo
Rohm
BA5973FP ROHM-BA5973FP Datasheet
137Kb / 7P
   3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM
BH3527FV ROHM-BH3527FV Datasheet
103Kb / 2P
   Line amplifier for CD-ROM/DVD-ROM
logo
List of Unclassifed Man...
BH3527FV ETC2-BH3527FV Datasheet
103Kb / 2P
   Line amplifier for CD-ROM/DVD-ROM
logo
Rohm
BD7956FS ROHM-BD7956FS Datasheet
246Kb / 5P
   7ch Power Driver for CD-ROM, DVD-ROM
BD7904FS ROHM-BD7904FS Datasheet
202Kb / 18P
   5ch Power Driver for CD-ROM, DVD-ROM
BD7903FS ROHM-BD7903FS Datasheet
199Kb / 16P
   5CH Power Driver for CD-ROM, DVD-ROM
BD7902CFS ROHM-BD7902CFS Datasheet
200Kb / 18P
   6CH Power Driver for CD-ROM, DVD-ROM
logo
List of Unclassifed Man...
AMC5902 ETC1-AMC5902 Datasheet
272Kb / 14P
   6CH Motor Driver for CD-ROM, DVD-ROM
logo
Rohm
BD7996EFV ROHM-BD7996EFV Datasheet
171Kb / 5P
   7ch Power Driver for CD-ROM, DVD-ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com