Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB8659PL Datasheet(PDF) 9 Page - Sanyo Semicon Device

No. de pieza LB8659PL
Descripción Electrónicos  DSC Motor Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB8659PL Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LB8659PL Datasheet HTML 5Page - Sanyo Semicon Device LB8659PL Datasheet HTML 6Page - Sanyo Semicon Device LB8659PL Datasheet HTML 7Page - Sanyo Semicon Device LB8659PL Datasheet HTML 8Page - Sanyo Semicon Device LB8659PL Datasheet HTML 9Page - Sanyo Semicon Device LB8659PL Datasheet HTML 10Page - Sanyo Semicon Device LB8659PL Datasheet HTML 11Page - Sanyo Semicon Device LB8659PL Datasheet HTML 12Page - Sanyo Semicon Device LB8659PL Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LB8659FN, LB8659PL
No.7899-9/16
Truth Table
Input
Output
Mode
IN1 IN2 IN3 IN4 IN5 IN6 IN7 IN8 IN9 IN10 IN11 OUT1 OUT2 OUT3 OUT4 OUT5 OUT6 OUT7 OUT8 OUT9 OUT10
ZM
PR
ZM
PI
AF
PI
VREF
ICH
(*2)
IC pin
discharge
Application
L
L
L
L
L
L
L
L
L
L
L
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Stand-by
L
L
-
-
-
-
off
L
H
L
H
2
→1
H
L
H
L
1
→2
H
H
-
-
L
on
off
L
L
-
-
-
-
off
L
H
L
H
4
→3
H
L
H
L
3
→4
H
H
-
-
L
on
off
Focus
Stepping
Motor
L
L
-
-
-
-
off
L
H
L
H
Normal
rotation
H
L
H
L
Reverse
rotation
H
H
L
L
L
on
Brake
Zoom
DC-
Motor
L
L
-
-
-
off
L
H
L
H
8
→7
H
L
H
L
7
→8
H
H
-
-
on
off
Exposure
VCM(*1)
L
L
-
-
-
off
L
H
L
H
-
Close
H
L
H
L
L
Open
H
H
-
H
-
off
Regeneration
Shutter
VCM(*1)
L
-
off
H
L
on
PR
Any of IN1 to IN10 is “H”.
1.0V
(*1) VCM: Voice Coil Motor
(*2) Applies to LB8659FN only.


Número de pieza similar - LB8659PL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB8650T SANYO-LB8650T Datasheet
73Kb / 6P
   Driver for Digital Still Cameras
LB8652LP SANYO-LB8652LP Datasheet
112Kb / 9P
   Driver for Digital Still Cameras
LB8652T SANYO-LB8652T Datasheet
96Kb / 8P
   Monolithic Digital IC Driver for Digital Still Cameras
LB8653FN SANYO-LB8653FN Datasheet
252Kb / 14P
   DSC Motor Driver
LB8653T SANYO-LB8653T Datasheet
252Kb / 14P
   DSC Motor Driver
More results

Descripción similar - LB8659PL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB8653T SANYO-LB8653T Datasheet
252Kb / 14P
   DSC Motor Driver
logo
Princeton Technology Co...
PT5115 PTC-PT5115 Datasheet
205Kb / 3P
   4CH DSC Motor Driver
logo
List of Unclassifed Man...
AT5556 ETC-AT5556 Datasheet
325Kb / 15P
   6-CHANNEL DSC MOTOR DRIVER
logo
Fairchild Semiconductor
FAN8705 FAIRCHILD-FAN8705 Datasheet
528Kb / 24P
   5 Channel DSC Motor Driver
FAN8702 FAIRCHILD-FAN8702 Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
logo
Princeton Technology Co...
PT5119 PTC-PT5119 Datasheet
496Kb / 4P
   51CH DSC Motor Driver
logo
Aimtron Technology
AT5558 AIMTRON-AT5558 Datasheet
223Kb / 13P
   5-Channel DSC Motor Driver
logo
Silicon Touch Technolog...
11-MD152 SITI-11-MD152 Datasheet
223Kb / 15P
   Multi-Channels Motor Driver For DSC
11-MD142 SITI-11-MD142 Datasheet
190Kb / 11P
   Multi-Channels Motor Driver For DSC
logo
Aimtron Technology
AT5550 AIMTRON-AT5550 Datasheet
264Kb / 10P
   2-Channel Motor Driver for DSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com