Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM6803TL Datasheet(PDF) 6 Page - SamHop Microelectronics Corp.

No. de pieza SM6803TL
Descripción Electrónicos  WHITE / BLUE LED DRIVER FOR LI- ION BATTERY APPLICATION
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMHOP [SamHop Microelectronics Corp.]
Página de inicio  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM6803TL Datasheet(HTML) 6 Page - SamHop Microelectronics Corp.

Back Button SM6803TL Datasheet HTML 2Page - SamHop Microelectronics Corp. SM6803TL Datasheet HTML 3Page - SamHop Microelectronics Corp. SM6803TL Datasheet HTML 4Page - SamHop Microelectronics Corp. SM6803TL Datasheet HTML 5Page - SamHop Microelectronics Corp. SM6803TL Datasheet HTML 6Page - SamHop Microelectronics Corp. SM6803TL Datasheet HTML 7Page - SamHop Microelectronics Corp. SM6803TL Datasheet HTML 8Page - SamHop Microelectronics Corp. SM6803TL Datasheet HTML 9Page - SamHop Microelectronics Corp. SM6803TL Datasheet HTML 10Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
APPLICATION INFORMATION
SAMHOP Microelectronics Corp.
WHITE / BLUE LED DRIVER FOR LI- ION BATTERY APPLICATION
Enable (EN/CTRL pin)
The EN/CTRL pin serves two functions. One is the enable and disable of the device the other is the output
sink current programming of the device. If the digital interface is not required the CTRL pin can be used as
a standard enable pin for the device. Pulling the CTRL pin high will enable the device beginning sink
current on LED pins. Pulling the CTRL pin to ground for a period of time > 480us will shutdown the device
reducing the shutdown cruuent to typical 0.1 uA.
This pin should not be left floating and need to be terminated.
Digital interface (EN/CTRL pin)
When power on the chip and pull high the EN/CTRL pin, the LED pins will start sink the initial sink current.
The maximum LED sink current is ILEDMAX (20mA). Pulling the EN/CTRL pin low for a period of time can
program the output sink current. When pulling the CTRL pin to "low" between 9 us to 30 us, the internal
controller decreases its output sink current by one step (1 mA). When pulling the CTRL pin to "low"
between 125us to 175us, the internal controller increases its output sink current by one step. There are
total 16 steps that control LED output sink current range from ILEDMAX down to ILEDMAX/4. Between the
"low" pulses, EN/CTRL should keep at "high" for at last 10 us.
Supply Voltage and Li-ion battery low warning
SM6802/3/4 works with supply voltage range from 3.0V to 5.0V. The white/blue LED forward voltage is in
the range of 2.9V to 3.5V at 20mA current. The supply voltage range and LED forward voltage (Vf) should
be set to fully ultilize Li-ion battery energy. For example, the maximum white LED forward voltage limit at
3.2V (@ 20mA) when Li-ion battery discharge reaches 3.275V (normally around 1%~3% power left in the
battery). When Li-ion battery voltage is lower than the preset low level, the LED current (brightness) will
start to decrease.
Decrease One Step
9~30us
125~175us
480us
10us
Time
Time
Time
Time
Increase One Step
Disable
Hold time
Page 5
V.1.0 July 12,2007


Número de pieza similar - SM6803TL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nippon Precision Circui...
SM6800A NPC-SM6800A Datasheet
169Kb / 12P
   Class-D Mono Amplifier for Mobile Telephones
SM6800AB NPC-SM6800AB Datasheet
169Kb / 12P
   Class-D Mono Amplifier for Mobile Telephones
SM6801A NPC-SM6801A Datasheet
213Kb / 16P
   Class-D Mono Amplifier for Portable Device
logo
M.S. Kennedy Corporatio...
SM6801A MSK-SM6801A Datasheet
92Kb / 1P
   Linear Constant Current LED Driver, Fixed 100mA
logo
SamHop Microelectronics...
SM6801A SAMHOP-SM6801A Datasheet
92Kb / 1P
   Linear Constant Current LED Driver, Fixed 100mA
More results

Descripción similar - SM6803TL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AMC7110 ETC1-AMC7110 Datasheet
115Kb / 1P
   White/Blue LED Driver for Li-Ion Battery Application
logo
ADDtek Corp
AMC7110 ADDTEK-AMC7110 Datasheet
199Kb / 10P
   WHITE/BLUE LED DRIVER FOR LI-ION BATTERY APPLICATION
JUNE 2007
logo
Vishay Siliconix
SIP12401 VISHAY-SIP12401 Datasheet
154Kb / 7P
   Boost Controller For Double AA Cell or Li-Ion Battery For White LED Application
Rev. C, 03-Sep-07
logo
Taiwan Semiconductor Co...
TS2207A TSC-TS2207A Datasheet
152Kb / 6P
   Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
TS2208A TSC-TS2208A Datasheet
107Kb / 6P
   Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
logo
ACE Technology Co., LTD...
ACE517 ACE-ACE517 Datasheet
213Kb / 8P
   WLED Linear Driver for Li-lon Battery Application
VER 1.2
logo
Maxim Integrated Produc...
MAX17703EVKITA MAXIM-MAX17703EVKITA Datasheet
1Mb / 15P
   MAX17703 in 4.2V Li-Ion Battery Charger Application
Rev 0; 4/21
logo
Rohm
BD99958GW ROHM-BD99958GW Datasheet
8Mb / 130P
   1 to 4-Cell Li-Ion Battery Manager For Application Processors
BD99954MWV ROHM-BD99954MWV Datasheet
3Mb / 130P
   1 to 4-Cell Li-Ion Battery Manager For Application Processors
18. Jul. 2017, Rev.001
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
   Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com