Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STU426S Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

No. de pieza STU426S
Descripción Electrónicos  N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMHOP [SamHop Microelectronics Corp.]
Página de inicio  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU426S Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STU426S Datasheet HTML 1Page - SamHop Microelectronics Corp. STU426S Datasheet HTML 2Page - SamHop Microelectronics Corp. STU426S Datasheet HTML 3Page - SamHop Microelectronics Corp. STU426S Datasheet HTML 4Page - SamHop Microelectronics Corp. STU426S Datasheet HTML 5Page - SamHop Microelectronics Corp. STU426S Datasheet HTML 6Page - SamHop Microelectronics Corp. STU426S Datasheet HTML 7Page - SamHop Microelectronics Corp. STU426S Datasheet HTML 8Page - SamHop Microelectronics Corp. STU426S Datasheet HTML 9Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
F igure 6. B rea kdown V olta ge V a ria tion
with T empera ture
F igure 8. B ody Diode F orwa rd V olta ge
V a ria tion with S ource C urrent
V SD,B ody Diode F orward V oltage (V )
T j, J unction T empera ture ( C )
T j, J unction T empera ture ( C )
4
6
20.0
10.0
1.0
0
1.2
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
-50
-25
0
25
50
75
100 125 150
V DS =V GS
ID=250uA
-50
-25
0
25
50
75
100 125 150
1.15
1.10
1.05
1.00
0.95
0.90
0.85
ID=250uA
V GS ,G ate- S ource Voltage (V )
30
25
20
15
10
5
0
F igure 7. On-R es is tance vs .
G ate-S ource V oltage
24
6
8
10
0
F igure 5. G a te T hres hold V a ria tion
with T empera ture
25 C
125 C
25 C
75 C
125 C
ID=9A
75 C
S T U/D426S
0.96
0.72
0.48
0.24
5.0


Número de pieza similar - STU426S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SamHop Microelectronics...
STU420S SAMHOP-STU420S Datasheet
940Kb / 9P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
STU421S SAMHOP-STU421S Datasheet
498Kb / 8P
   P -Channel Logic Level E nhancement Mode F ield E ffect Transistor
STU428S SAMHOP-STU428S Datasheet
196Kb / 9P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
logo
VBsemi Electronics Co.,...
STU428S VBSEMI-STU428S Datasheet
900Kb / 8P
   N-Channel 40-V (D-S) MOSFET
More results

Descripción similar - STU426S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SamHop Microelectronics...
STU3055L SAMHOP-STU3055L Datasheet
765Kb / 8P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
ST426S SAMHOP-ST426S Datasheet
175Kb / 9P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
STU420S SAMHOP-STU420S Datasheet
940Kb / 9P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
SDU40N03 SAMHOP-SDU40N03 Datasheet
386Kb / 5P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
STU20N03L SAMHOP-STU20N03L Datasheet
801Kb / 8P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
ST420S SAMHOP-ST420S Datasheet
940Kb / 9P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
STU428S SAMHOP-STU428S Datasheet
196Kb / 9P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
STU421S SAMHOP-STU421S Datasheet
498Kb / 8P
   P -Channel Logic Level E nhancement Mode F ield E ffect Transistor
SDM9410 SAMHOP-SDM9410 Datasheet
420Kb / 5P
   N-Channel E nhancement Mode F ield E ffect Transistor
SDU9916 SAMHOP-SDU9916 Datasheet
424Kb / 5P
   N-Channel E nhancement Mode F ield E ffect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com