Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD7524M Datasheet(PDF) 3 Page - Texas Instruments |
|
AD7524M Datasheet(HTML) 3 Page - Texas Instruments |
3 / 12 page AD7524M Advanced LinCMOS ™ 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER SGLS028A – SEPTEMBER 1989 – REVISED MARCH 1995 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage range, VDD – 0.3 V to 17 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Voltage between RFB and GND ±25 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Digital input voltage range, VI – 0.3 V to VDD+0.3 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Reference voltage range, Vref ±25 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Peak digital input current, II 10 µA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range, TA –55 °C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg –65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Case temperature for 60 seconds, TC: FK package 260 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds: J package 300 °C . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. recommended operating conditions VDD = 5 V VDD = 15 V UNIT MIN NOM MAX MIN NOM MAX UNIT Supply voltage, VDD 4.75 5 5.25 14.5 15 15.5 V Reference voltage, Vref ±10 ±10 V High-level input voltage, VIH 2.4 13.5 V Low-level input volage, VIL 0.8 1.5 V CS setup time, tsu(CS) 40 40 ns CS hold time, th(CS) 0 0 ns Data bus input setup time, tsu(D) 25 25 ns Data bus input hold time, th(D) 10 10 ns Pulse duration, WR low, tw(WR) 40 40 ns Operating free-air temperature, TA –55 125 –55 125 °C |
Número de pieza similar - AD7524M |
|
Descripción similar - AD7524M |