Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL54222 Datasheet(PDF) 3 Page - Intersil Corporation

No. de pieza ISL54222
Descripción Electrónicos  High-Speed USB 2.0 (480Mbps) Multiplexer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54222 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL54222 Datasheet HTML 1Page - Intersil Corporation ISL54222 Datasheet HTML 2Page - Intersil Corporation ISL54222 Datasheet HTML 3Page - Intersil Corporation ISL54222 Datasheet HTML 4Page - Intersil Corporation ISL54222 Datasheet HTML 5Page - Intersil Corporation ISL54222 Datasheet HTML 6Page - Intersil Corporation ISL54222 Datasheet HTML 7Page - Intersil Corporation ISL54222 Datasheet HTML 8Page - Intersil Corporation ISL54222 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
FN6835.0
February 9, 2009
Absolute Maximum Ratings
Thermal Information
VDD to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 3.5V
Input Voltages
HSD2x, HSD1x (Note 4). . . . . . . . . . . . . . . . . . . . . - 0.3V to 6.0V
SEL, OE (Note 4) . . . . . . . . . . . . . . . . . . . -0.3V to ((VDD) + 0.3V)
Output Voltages
D+, D- (Note 4). . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.0V
Continuous Current (HSD2x, HSD1x) . . . . . . . . . . . . . . . . . . ±40mA
Peak Current (HSD2x, HSD1x)
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . . ±100mA
ESD Rating:
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>6kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>500V
Charged Device Model. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>2kV
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
10 Ld µTQFN Package (Note 5) . . . . .
160
N/A
10 Ld TDFN Package (Notes 6, 7). . . .
55
18
10 Ld MSOP Package (Note 5) . . . . . .
165
N/A
Maximum Junction Temperature (Plastic Package). . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to +150°C
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
VDD Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . 1.8V to 3.3V
Logic Control Input Voltage . . . . . . . . . . . . . . . . . . . . . . . 0V to VDD
Analog Signal Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to VDD
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
4. Signals on HSD1x, HSD2x, D+, D- exceeding GND by specified amount are clamped. Signals on OE and SEL exceeding VDD or GND by
specified amount are clamped. Limit current to maximum current ratings.
5.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
6.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
7. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications - 1.8V to 3.3V Supply Test Conditions: VDD = +3.3V, GND = 0V, VSELH = 1.4V, VSELL = 0.5V,
VOEH = 1.4V, VOEL = 0.5V, (Note 8), Unless Otherwise Specified.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 9, 10)
TYP
MAX
(Notes 9, 10) UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
VDD = VDD, SEL = 0V or VDD, OE = 0V
Full
0
-
VDD
V
ON-Resistance, rON (High-Speed) VDD = 1.8V, SEL = 0.5V or 1.4V, OE = 0.5V, IDx = 40mA,
VHSD1x or VHSD2 x = 0V to 400mV (see Figure 3,
Note 13)
25
-
5.5
8
Ω
Full
-
-
10
Ω
rON Matching Between Channels,
Δr
ON (High-Speed)
VDD = 1.8V, SEL = 0.5V or 1.4V, OE = 0.5V, IDx = 40mA,
VHSD1x or VHSD2 x = Voltage at max rON, (Notes 12, 13)
25
-
0.072
0.5
Ω
Full
-
-
0.55
Ω
rON Flatness, RFLAT(ON)
(High-Speed)
VDD = 1.8V, SEL = 0.5V or 1.4V, OE = 0.5V, IDx = 40mA,
VHSD1x or VHSD2 x = 0V to 400mV, (Notes 11, 13)
25
-
0.44
1.2
Ω
Full
-
-
1.3
Ω
OFF Leakage Current,
IHSD1x(OFF)
VDD = 3.3V, SEL = VDD and OE = 0V or OE = VDD,
VDx = 0.3V, 3V, VHSD1X = 3V, 0.3V, VHSD2x = 0.3V, 3V
25
-15
0.35
15
nA
Full
-20
-
20
nA
ON Leakage Current, IHSD1x(ON) VDD = 3.3V, SEL = OE = 0V, VDx = 0.3V, 3V,
VHSD1X = 0.3V, 3V, VHSD2x = 3V, 0.3V
25
-20
2.5
20
nA
Full
-25
-
25
nA
OFF Leakage Current,
IHSD2x(OFF)
VDD = 3.3V, SEL = OE = 0V or OE = VDD, VDx = 3V, 0.3V,
VHSD2x = 0.3V, 3V, VHSD1X = 3V, 0.3V
25
-15
0.26
15
nA
Full
-20
-
20
nA
ON Leakage Current, IHSD2x(ON) VDD = 3.3V, SEL = VDD, OE = 0V, VDx = 0.3V, 3V,
VHSD2x = 0.3V, 3V, VHSD1X = 3V, 0.3V
25
-20
1.65
20
nA
Full
-25
-
25
nA
Power OFF Leakage Current, IOFF VDD = 0V, VD+ = 0V to 5.25V, VD-= 0V to 5.25V
25
-
0.005
0.025
µA
Full
-
-
0.5
µA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
VDD = 3.3V, VIN = 3V, RL = 50Ω, CL = 50pF (see Figure 1)
25
-
50
-
ns
Turn-OFF Time, tOFF
VDD = 3.3V, VIN = 3V, RL = 50Ω, CL = 50pF (see Figure 1)
25
-
33
-
ns
ISL54222


Número de pieza similar - ISL54222

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL54222 INTERSIL-ISL54222 Datasheet
856Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54222A INTERSIL-ISL54222A Datasheet
908Kb / 19P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54222A INTERSIL-ISL54222A Datasheet
891Kb / 17P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54222A INTERSIL-ISL54222A Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54222A RENESAS-ISL54222A Datasheet
1Mb / 19P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results

Descripción similar - ISL54222

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 RENESAS-ISL54223 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
May 27, 2009
logo
Intersil Corporation
ISL54223 INTERSIL-ISL54223 Datasheet
780Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54220 INTERSIL-ISL54220 Datasheet
808Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54221 INTERSIL-ISL54221 Datasheet
741Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Renesas Technology Corp
ISL54221 RENESAS-ISL54221 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Intersil Corporation
ISL54222A INTERSIL-ISL54222A_10 Datasheet
908Kb / 19P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54220 INTERSIL-ISL54220 Datasheet
841Kb / 18P
   High-Speed USB 2.0 480Mbps Multiplexer
ISL54222 INTERSIL-ISL54222_09 Datasheet
856Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54222A INTERSIL-ISL54222A Datasheet
891Kb / 17P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com