Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL54222IRTZ Datasheet(PDF) 4 Page - Intersil Corporation

No. de pieza ISL54222IRTZ
Descripción Electrónicos  High-Speed USB 2.0 (480Mbps) Multiplexer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54222IRTZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL54222IRTZ Datasheet HTML 1Page - Intersil Corporation ISL54222IRTZ Datasheet HTML 2Page - Intersil Corporation ISL54222IRTZ Datasheet HTML 3Page - Intersil Corporation ISL54222IRTZ Datasheet HTML 4Page - Intersil Corporation ISL54222IRTZ Datasheet HTML 5Page - Intersil Corporation ISL54222IRTZ Datasheet HTML 6Page - Intersil Corporation ISL54222IRTZ Datasheet HTML 7Page - Intersil Corporation ISL54222IRTZ Datasheet HTML 8Page - Intersil Corporation ISL54222IRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
FN6835.0
February 9, 2009
Break-Before-Make Time Delay, tD VDD = 3.3V, VIN = 3V, RL = 50Ω, CL = 50pF (see Figure 2)
25
-
12
-
ns
Turn-ON Enable Time, tENABLE
VDD = 3.3V, VIN = 3V, RL = 15kΩ, CL = 50pF, Time out of
All-Off state
25
-
42
-
ns
Turn-OFF Disable Time, tDISABLE VDD = 3.3V, VIN = 3V, RL = 15kΩ, CL = 50pF, Time into
All-Off state, Time is highly dependent on the load
(RL,CL) time constant.
25
-
75
-
ns
Skew, (tSKEWOUT - tSKEWIN)
VDD = 3.3V, SEL = 0V or 3.3V, OE = 0V, RL = 45Ω,
CL = 10pF, tR = tF = 500ps at 480Mbps,
(Duty Cycle = 50%) (see Figure 6)
25
-
53
-
ps
Rise/Fall Degradation
(Propagation Delay), tPD
VDD = 3.3V, SEL = 0V or 3.3V, OE = 0V, RL = 45Ω,
CL = 10pF, (see Figure 6)
25
-
250
-
ps
Crosstalk
VDD = 3.3V, RL = 50Ω, f = 240MHz (see Figure 5)
25
-
-25
-
dB
OFF-Isolation
VDD = 3.3V, OE = 3.3V, RL = 50Ω, f = 240MHz
25
-
-27
-
dB
-3dB Bandwidth
Signal = 0dBm, 0.2VDC offset, RL = 50Ω
25
-
782
-
MHz
OFF Capacitance, CHSxOFF
f = 1MHz, VDD = 3.3V, SEL = 0V, OE = 3.3V, VHSD1x or
VHSD2x = VDx = 0V (see Figure 4)
25
-
2.5
-
pF
COM ON Capacitance, CDX(ON)
f = 1MHz, VDD = 3.3V, SEL = 0V or 3.3V, OE = 0V,
VHSD1x or VHSD2x = VDx = 0V (see Figure 4)
25
-
6.5
-
pF
POWER SUPPLY CHARACTERISTICS
Power Supply Range, VDD
Full
1.8
3.3
V
Positive Supply Current, IDD
VDD = 3.3V, SEL = 0V or VDD, OE = 0V or VDD
25
-
32
40
µA
Full
-
-
50
µA
Positive Supply Current, IDD
VDD = 1.8V, SEL = 0V, OE = 0V or VDD
25
-
5.8
7.5
µA
Full
-
-
8
µA
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VSELL, VOEL
VDD = 1.8V to 3.3V
Full
-
-
0.5
V
Input Voltage High, VSELH, VOEH VDD = 1.8V to 3.3V
Full
1.4
-
VDD
V
Input Current, ISELL, IOEL
VDD = 3.3V, SEL = 0V, OE = 0V
Full
-
104
-
nA
Input Current, ISELH
VDD = 3.3V, SEL = 3.3V
Full
-
-1.5
-
nA
Input Current, IOEH
VDD = 3.3V, OE = 3.3V
Full
-
-1.6
-
nA
NOTES:
8. VLOGIC = Input voltage to perform proper function.
9. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
10. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
11. Flatness is defined as the difference between maximum and minimum value of ON-resistance over the specified analog signal range.
12. rON matching between channels is calculated by subtracting the channel with the highest max rON value from the channel with lowest max rON
value, between HSD2+ and HSD2- or between HSD1+ and HSD1-.
13. Limits established by characterization and are not production tested.
Electrical Specifications - 1.8V to 3.3V Supply Test Conditions: VDD = +3.3V, GND = 0V, VSELH = 1.4V, VSELL = 0.5V,
VOEH = 1.4V, VOEL = 0.5V, (Note 8), Unless Otherwise Specified. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 9, 10)
TYP
MAX
(Notes 9, 10) UNITS
ISL54222


Número de pieza similar - ISL54222IRTZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL54222IRTZ INTERSIL-ISL54222IRTZ Datasheet
856Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54222IRTZ-T INTERSIL-ISL54222IRTZ-T Datasheet
856Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results

Descripción similar - ISL54222IRTZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 RENESAS-ISL54223 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
May 27, 2009
logo
Intersil Corporation
ISL54223 INTERSIL-ISL54223 Datasheet
780Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54220 INTERSIL-ISL54220 Datasheet
808Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54221 INTERSIL-ISL54221 Datasheet
741Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Renesas Technology Corp
ISL54221 RENESAS-ISL54221 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Intersil Corporation
ISL54222A INTERSIL-ISL54222A_10 Datasheet
908Kb / 19P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54220 INTERSIL-ISL54220 Datasheet
841Kb / 18P
   High-Speed USB 2.0 480Mbps Multiplexer
ISL54222 INTERSIL-ISL54222_09 Datasheet
856Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54222A INTERSIL-ISL54222A Datasheet
891Kb / 17P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com