Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LCH1035 Datasheet(PDF) 6 Page - LUXPIA

No. de pieza LCH1035
Descripción Electrónicos  3.52.71.8 mm(L횞W횞H) small size surface mount type
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LUXPIA [LUXPIA]
Página de inicio  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LCH1035 Datasheet(HTML) 6 Page - LUXPIA

Back Button LCH1035 Datasheet HTML 2Page - LUXPIA LCH1035 Datasheet HTML 3Page - LUXPIA LCH1035 Datasheet HTML 4Page - LUXPIA LCH1035 Datasheet HTML 5Page - LUXPIA LCH1035 Datasheet HTML 6Page - LUXPIA LCH1035 Datasheet HTML 7Page - LUXPIA LCH1035 Datasheet HTML 8Page - LUXPIA LCH1035 Datasheet HTML 9Page - LUXPIA LCH1035 Datasheet HTML 10Page - LUXPIA Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6/16
6
LCH1035
Different and Better
7. Taping
(1) Dimension of wheel((Material : PS Conductive, 10E9~12Ω)
(Unit : mm)
(2) Dimension of tape(Material : PS Conductive, 10E4~5Ω)
(Unit : mm)


Número de pieza similar - LCH1035

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
LCH100 VISHAY-LCH100 Datasheet
136Kb / 6P
   Power Resistor, for Mounting onto a Heatsink Thick Film Technology
Revision: 05-Aug-13
More results

Descripción similar - LCH1035

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LUXPIA
LBW1035 LUXPIA-LBW1035 Datasheet
337Kb / 17P
   3.5 횞 2.7 횞 1.8 mm(L횞W횞H) small size surface mount type
LOU1035 LUXPIA-LOU1035 Datasheet
217Kb / 16P
   Colorless transparency 3.5 횞 2.7 횞 1.8 mm(L횞W횞H) small size surface mount type
LGH1035 LUXPIA-LGH1035 Datasheet
221Kb / 16P
   SMD Top View Type 3.5 횞 2.7 횞 1.8 mm(L횞W횞H) small size surface mount type
LWH1000 LUXPIA-LWH1000 Datasheet
212Kb / 15P
   1.6횞0.8횞0.4 mm(L횞W횞H) small size surface mount type
LBW1000 LUXPIA-LBW1000 Datasheet
197Kb / 14P
   1.6횞0.8횞0.4 mm(L횞W횞H) small size surface mount type
LBH1000 LUXPIA-LBH1000 Datasheet
172Kb / 15P
   1.6횞0.8횞0.4 mm(L횞W횞H) small size surface mount type SMD
LGH1000 LUXPIA-LGH1000 Datasheet
177Kb / 15P
   Colorless transparency 1.6횞0.8횞0.4 mm(L횞W횞H) small size surface mount type
logo
Panasonic Semiconductor
LN217RPH PANASONIC-LN217RPH_08 Datasheet
317Kb / 3P
   5.3 mm 횞 1.8 mm
logo
Cypress Semiconductor
CYBLE-212006-01 CYPRESS-CYBLE-212006-01 Datasheet
3Mb / 39P
   Module size: 15.00 mm 횞 23.00 mm 횞 2.00 mm
CYBLE-214015-01 CYPRESS-CYBLE-214015-01 Datasheet
3Mb / 42P
   Module size: 11.0 mm 횞 11.0 mm 횞 1.80 mm (with shield)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com