Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LCH1035 Datasheet(PDF) 8 Page - LUXPIA

No. de pieza LCH1035
Descripción Electrónicos  3.52.71.8 mm(L횞W횞H) small size surface mount type
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LUXPIA [LUXPIA]
Página de inicio  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LCH1035 Datasheet(HTML) 8 Page - LUXPIA

Back Button LCH1035 Datasheet HTML 4Page - LUXPIA LCH1035 Datasheet HTML 5Page - LUXPIA LCH1035 Datasheet HTML 6Page - LUXPIA LCH1035 Datasheet HTML 7Page - LUXPIA LCH1035 Datasheet HTML 8Page - LUXPIA LCH1035 Datasheet HTML 9Page - LUXPIA LCH1035 Datasheet HTML 10Page - LUXPIA LCH1035 Datasheet HTML 11Page - LUXPIA LCH1035 Datasheet HTML 12Page - LUXPIA Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8/16
8
LCH1035
Different and Better
8. Packing Structure
• The LEDs are packed in cardboard boxes after taping
Please refer to figure : page 8
The label on the minimum packing unit shows : Part Number, Lot Number, Ranking, Quantity
• In order to protect the LEDs from mechanical shock, we pack them in cardboard boxes
for transportation.
• The LEDs may be damaged if the boxes are dropped or receive a strong impact against them,
so precautions must be taken to prevent any damage.
• The boxes are not water resistant and therefore must be kept away from water and moisture.
• When the LEDs are transported, we recommend that you use the same packing method as Luxpia.
• If a box shows noticeable damage upon arrival at the User’s warehouse. It is recommended that
the User submit a claim to Luxpia within one weeks after arrival of the products.
If the submitted
notice regarding the damage exceeds the aforementioned two weeks, it will be treated in the
manner shown in term 13.


Número de pieza similar - LCH1035

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
LCH100 VISHAY-LCH100 Datasheet
136Kb / 6P
   Power Resistor, for Mounting onto a Heatsink Thick Film Technology
Revision: 05-Aug-13
More results

Descripción similar - LCH1035

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LUXPIA
LBW1035 LUXPIA-LBW1035 Datasheet
337Kb / 17P
   3.5 횞 2.7 횞 1.8 mm(L횞W횞H) small size surface mount type
LOU1035 LUXPIA-LOU1035 Datasheet
217Kb / 16P
   Colorless transparency 3.5 횞 2.7 횞 1.8 mm(L횞W횞H) small size surface mount type
LGH1035 LUXPIA-LGH1035 Datasheet
221Kb / 16P
   SMD Top View Type 3.5 횞 2.7 횞 1.8 mm(L횞W횞H) small size surface mount type
LWH1000 LUXPIA-LWH1000 Datasheet
212Kb / 15P
   1.6횞0.8횞0.4 mm(L횞W횞H) small size surface mount type
LBW1000 LUXPIA-LBW1000 Datasheet
197Kb / 14P
   1.6횞0.8횞0.4 mm(L횞W횞H) small size surface mount type
LBH1000 LUXPIA-LBH1000 Datasheet
172Kb / 15P
   1.6횞0.8횞0.4 mm(L횞W횞H) small size surface mount type SMD
LGH1000 LUXPIA-LGH1000 Datasheet
177Kb / 15P
   Colorless transparency 1.6횞0.8횞0.4 mm(L횞W횞H) small size surface mount type
logo
Panasonic Semiconductor
LN217RPH PANASONIC-LN217RPH_08 Datasheet
317Kb / 3P
   5.3 mm 횞 1.8 mm
logo
Cypress Semiconductor
CYBLE-212006-01 CYPRESS-CYBLE-212006-01 Datasheet
3Mb / 39P
   Module size: 15.00 mm 횞 23.00 mm 횞 2.00 mm
CYBLE-214015-01 CYPRESS-CYBLE-214015-01 Datasheet
3Mb / 42P
   Module size: 11.0 mm 횞 11.0 mm 횞 1.80 mm (with shield)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com