Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSM-10-1.5GSQ Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

No. de pieza CSM-10-1.5GSQ
Descripción Electrónicos  DIRECTIONAL COPLERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MERRIMAC [Merrimac Industries, Inc.]
Página de inicio  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

CSM-10-1.5GSQ Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  CSM-10-1.5GSQ Datasheet HTML 1Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
REV: 005, 02/08/01
DIRECTIONAL COUPLERS
CSM-10-1.5G SQ
GENERAL SPECIFICATIONS
TECHNICAL DESCRIPTION / APPLICATION
• SPACE QUALIFIED
• 1 - 2 GHz DIRECTIONAL COUPLER
PACKAGE OUTLINE
Merrimac Industries, RF & Microwave Products Division / 41 Fairfield Place, West Caldwell, NJ 07006
Tel: 973.575.1300 / Fax: 973.575.0531 / Internet: www.Merrimacind.com
R
E
B
M
U
N
L
E
D
O
M
Y
C
N
E
U
Q
E
R
F
E
G
N
A
R
G
N
I
L
P
U
O
C
S
S
O
L
N
O
I
T
R
E
S
N
I
B
d
Y
T
I
V
I
T
C
E
R
I
D
B
d
R
W
S
V
z
H
G
B
d
.
X
A
M
.
N
I
M
.
X
A
M
,
N
I
A
M
Q
S
G
5
.
1
-
0
1
-
M
S
C
0
.
2
-
0
.
1
5
2
.
1
-/
+
0
1
2
.
0
3
2
1
:
1
.
1
R
W
S
V
Y
T
I
V
I
T
I
S
N
E
S
Y
C
N
E
U
Q
E
R
F
B
d
G
N
I
T
A
R
R
E
W
O
P
W
C
E
N
I
L
N
I
A
M
T
H
G
I
E
W
.
X
A
M
,
D
E
L
P
U
O
C
.
X
A
M
.
X
A
M
1
:
1
.
1
5
7
.
-/
+
S
T
T
A
W
0
1
.
z
o
7
2
.
1
The CSM-10-1.5G SQ Directional Coupler covers 1-2 GHz with a stripline design. This offers low transmission
loss and excellent VSWR. This unit has been designed, manufactured and qualified per Merrimac document
CENG-0001, “Standard Design Requirements for Space Qualified Devices”.


Número de pieza similar - CSM-10-1.5GSQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Merrimac Industries, In...
CSM-10-3GSQ MERRIMAC-CSM-10-3GSQ Datasheet
30Kb / 1P
   DIRECTIONAL COUPLER
More results

Descripción similar - CSM-10-1.5GSQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Green Power Solutions s...
GOB95023 GPSEMI-GOB95023 Datasheet
118Kb / 3P
   BI-DIRECTIONAL BI-DIRECTIONAL
GOB94018 GPSEMI-GOB94018_17 Datasheet
109Kb / 3P
   BI-DIRECTIONAL BI-DIRECTIONAL
logo
RFHIC
CP261 RFHIC-CP261 Datasheet
177Kb / 3P
   Directional Coupler
logo
American Accurate Compo...
JXWBOH-T-10900-12750-10 AAC-JXWBOH-T-10900-12750-10 Datasheet
79Kb / 1P
   Directional Coupler
logo
RFHIC
CP360 RFHIC-CP360 Datasheet
154Kb / 2P
   Directional Coupler
CP361 RFHIC-CP361 Datasheet
177Kb / 3P
   Directional Coupler
logo
Merrimac Industries, In...
CSDZ-10H-1.1G MERRIMAC-CSDZ-10H-1.1G Datasheet
148Kb / 2P
   DIRECTIONAL COUPLER
CSDZ-20H-1.1G MERRIMAC-CSDZ-20H-1.1G Datasheet
149Kb / 2P
   DIRECTIONAL COUPLER
CSM-6M-.75G MERRIMAC-CSM-6M-.75G Datasheet
47Kb / 2P
   DIRECTIONAL COUPLERS
CWM-10M-2.3G MERRIMAC-CWM-10M-2.3G Datasheet
111Kb / 2P
   DIRECTIONAL COUPLERS
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com