Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSM-20M-12G Datasheet(PDF) 2 Page - Merrimac Industries, Inc.

No. de pieza CSM-20M-12G
Descripción Electrónicos  DIRECTIONAL COUPLERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MERRIMAC [Merrimac Industries, Inc.]
Página de inicio  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

CSM-20M-12G Datasheet(HTML) 2 Page - Merrimac Industries, Inc.

  CSM-20M-12G Datasheet HTML 1Page - Merrimac Industries, Inc. CSM-20M-12G Datasheet HTML 2Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GENERAL SPECIFICATIONS
Impedance:
50
Ω nom.
SMA Connectors:
Female, to meet the
interface rqts
of MIL-C-39012
Operating Temp:
-- 55° to +85°C
Other connectors:
TNC and N type
available
POWER SPECIFICATIONS
Coupled ‘‘Loss’’:
6 dB units:
1.25 dB
10 dB units:
0.46 dB
20 dB units:
0.044 dB
30 dB units:
0.004 dB
Peak Power:
CSM-M-15G:
1 kW max.
CSM-M-12G:
2 kW max.
All others:
3 kW max.
Input Power (Forward):
50 Watts max.
Reflected Power:
6 dB units:
2 Watts max.
10 dB units:
5 Watts max.
20 dB units:
50 Watts max.
30 dB units:
50 Watts max.
General Notes:
1. The CSM series directional couplers are miniature three port devices utilizing stripline technology in a connectorized package. Each is a
quarter wave coupler operating across an octave band of frequencies. They are ideally suited to monitor forward or reflected power with minimal
perturbation to the main line signal, signal sampling, control loops and for test signal injection devices in BITE.
2. These devices comply with MIL-C-15370 and may be supplied screened for compliance with additional specifications you designate for
military and aerospace applications requiring the highest reliability.
CSM-M-G Series
DIRECTIONAL COUPLERS
250 MHz to 18 GHz / Octave Bands / 50 W / 6, 10, 20 & 30 dB Coupling / Low Cost Stripline / SMA
For further information contact
MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
NOTES:
1. Tolerance on 3 place decimals
±.020(.51)
except as noted.
2. Dimensions in inches over millimeters.
3. Weights are nominal on all outlines.
4. Outline 2A differs from 2 in dimension A=5.88"
20Mar96
Package Outline


Número de pieza similar - CSM-20M-12G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Merrimac Industries, In...
CSM-20-15GSQ MERRIMAC-CSM-20-15GSQ Datasheet
355Kb / 1P
   DIRECTIONAL COUPLERS
CSM-20-3GSQ MERRIMAC-CSM-20-3GSQ Datasheet
450Kb / 1P
   DIRECTIONAL COUPLER
CSM-20-6GSQ MERRIMAC-CSM-20-6GSQ Datasheet
204Kb / 1P
   DIRECTIONAL COUPLERS
logo
Moxa Inc.
CSM-200 MOXA-CSM-200 Datasheet
858Kb / 4P
   10/100BaseT(X) to 100BaseFX slide-in modules for the NRack System
CSM-200-1213 MOXA-CSM-200-1213 Datasheet
858Kb / 4P
   10/100BaseT(X) to 100BaseFX slide-in modules for the NRack System
More results

Descripción similar - CSM-20M-12G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Merrimac Industries, In...
CWM-10M-2.3G MERRIMAC-CWM-10M-2.3G Datasheet
111Kb / 2P
   DIRECTIONAL COUPLERS
CRM-10-50 MERRIMAC-CRM-10-50 Datasheet
163Kb / 2P
   DIRECTIONAL COUPLERS
CRS-10-165 MERRIMAC-CRS-10-165 Datasheet
88Kb / 1P
   DIRECTIONAL COUPLERS
CSD-10H-1.9G MERRIMAC-CSD-10H-1.9G Datasheet
177Kb / 5P
   DIRECTIONAL COUPLERS
logo
Anaren Microwave
10930-6 ANAREN-10930-6_14 Datasheet
159Kb / 4P
   Directional Couplers
1X505 ANAREN-1X505 Datasheet
83Kb / 2P
   Directional Couplers
10013-10 ANAREN-10013-10 Datasheet
134Kb / 3P
   Directional Couplers
logo
Mini-Circuits
DBTC-6-4-75L MINI-DBTC-6-4-75L Datasheet
316Kb / 1P
   Directional Couplers
logo
List of Unclassifed Man...
S25B880N3 ETC1-S25B880N3 Datasheet
623Kb / 2P
   Directional Couplers
logo
Anaren Microwave
10615-10 ANAREN-10615-10_14 Datasheet
149Kb / 4P
   Directional Couplers
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com