Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMM-2-750 Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

No. de pieza DMM-2-750
Descripción Electrónicos  DOUBLE BALANCED MIXER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MERRIMAC [Merrimac Industries, Inc.]
Página de inicio  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

DMM-2-750 Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  DMM-2-750 Datasheet HTML 1Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Package Outline
Foraddi
ti
onali
nformati
oncontact
M ERRIM AC,41 FairfieldPl.,W estCaldw ell,NJ,07006,973-575-1300 /FAX 973-575-0531
General Notes:
The DMM-2 series of Double Balanced Mixers covers the frequency
range of 1 to 1400 MHz using selected diodes in the ring modulator to
produce a low level mixer with high performance.
DMM-2 Series
DOUBLE BALANCED MIXER
PRINCIPAL SPECIFICATIONS
RF/LO
IF
Operating
Conversion
Port Isolation, Min.
Model
Frequency,
Frequency,
Range,
Loss, dB,
L-R
L-X
R-X
Polarity
Number
MHz
MHz
MHz
Max.
Typ.
dB
dB
dB
Sense
DMM-2-250
1 - 500
DC - 500
1 - 100
7.5
6.5
45
35
15
Pos.
100 - 400
7.5
6.5
30
20
15
400 - 500
9.0
7.5
30
20
15
DMM-2-500 10 - 1000
DC - 500
10 - 200
7.5
6.5
45
35
15
Pos.
200 - 500
7.5
7.0
30
15
15
500 - 1000
8.0
7.0
30
15
15
DMM-2-750 20 - 1400
DC - 500
20 - 200
8.5
7.5
40
30
15
Pos.
200 - 1000
8.5
7.5
25
15
10
1000 -1400
9.5
8.5
25
15
10
All specifications are as measured in a 50
Ω system, at nominal LO power, in a downconverter application
NOTES:
1. Tolerance on 3 place decimals
±.020(.51) except as noted.
2. Dimensions in inches over millimeters.
3. Weight: 0.65 oz (18 g).
4. SMA female, to mate with male per MIL-C-39012.
23Feb96
Typical of DMM-2-250 & 750
1 to1400 MHz/+7 to+13 dBm LO /SM A Connectors
GENERAL SPECIFICATIONS
Impedance:
50
Ω nom.
Noise Figure:
Within
±1 dB of
Conversion Loss
LO Drive:
+7 nom.
1 dB Compression Point:
0 dBm typ.
1 dB Desensitization Level: – 2 dBm
Input Intercept Point:
+12 dBm typ.
Operating Temperature:
– 55° to +85°C


Número de pieza similar - DMM-2-750

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Merrimac Industries, In...
DMM-2A-2800 MERRIMAC-DMM-2A-2800 Datasheet
99Kb / 1P
   DOUBLE BALANCED MIXER
DMM-2C-4000 MERRIMAC-DMM-2C-4000 Datasheet
72Kb / 1P
   DOUBLE BALANCED MIXER
More results

Descripción similar - DMM-2-750

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
   DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
MY63 MACOM-MY63 Datasheet
145Kb / 2P
   DOUBLE-BALANCED MIXER
M9BC MACOM-M9BC Datasheet
167Kb / 2P
   Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
   Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
   Double-Balanced Mixer
logo
M/A-COM Technology Solu...
MD-108 MA-COM-MD-108 Datasheet
63Kb / 3P
   Double-Balanced Mixer
M76H MA-COM-M76H Datasheet
1Mb / 3P
   Double-Balanced Mixer
M6E-50 MA-COM-M6E-50_15 Datasheet
651Kb / 3P
   Double-Balanced Mixer
M9BC MA-COM-M9BC_15 Datasheet
698Kb / 2P
   Double-Balanced Mixer
M63HC MA-COM-M63HC_15 Datasheet
1,006Kb / 3P
   Double-Balanced Mixer
M76C MA-COM-M76C_15 Datasheet
1Mb / 3P
   Double-Balanced Mixer
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com