Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ILC-3F-2.14G Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

No. de pieza ILC-3F-2.14G
Descripción Electrónicos  IN-LINE COUPLERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MERRIMAC [Merrimac Industries, Inc.]
Página de inicio  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

ILC-3F-2.14G Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  ILC-3F-2.14G Datasheet HTML 1Page - Merrimac Industries, Inc. ILC-3F-2.14G Datasheet HTML 2Page - Merrimac Industries, Inc. ILC-3F-2.14G Datasheet HTML 3Page - Merrimac Industries, Inc. ILC-3F-2.14G Datasheet HTML 4Page - Merrimac Industries, Inc. ILC-3F-2.14G Datasheet HTML 5Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IN-LINE COUPLERS
ILC-3F-2.14G
MULTI-MIX
® F SERIES IN-LINE COUPLERS
The Multi-Mix
® ILC-F series provides a power divider and combiner function with low insertion loss,
high isolation, and high power handling in a small outline. The ILC series are composed of serial con-
nected multi-couplers with each coupler having a different nominal coupling value. Equal split loss is
maintained at all of the coupled ports, since the direct-path loss of previous couplers is added. Each of
the paths through a divider / combiner pair have equal insertion phase, but the individual port paths do
not. Accurate phase and amplitude balance make them ideal for applications involving power
amplifiers, signal distribution and processing.
ILC-F in-line couplers are fusion bonded multilayer stripline assemblies. The fusion bonding process
yields a homogeneous monolithic dielectric structure with reliability, ruggedness, and electrical
performance that is superior to conventional adhesive bonding techniques.
The ILC-F series is an easy to install SMD designed specifically for the full spectrum of wireless
applications. The high stability ceramic filled PTFE dielectrics utilized in these components are
compatible with common substrates such as FR-4, G-10, and polyamide. The wrap around ground
plane provides excellent EM shielding.
Additional benefits include:
• Cost effective for commercial wireless applications
• Operating temperature range –55°C to +85°C.
• Can be integrated with other Multi-Mix
® components in a multi-function module
RELIABILITY
The product family has passed environmental screening including Thermal shock, Burn-in,
Acceleration, Vibration, Mechanical Shock, Moisture Resistance, Resistance to Solder Heat, and
Thermal Cycling Life Test (>1000 cycles).
THE MULTI-MIX
® PROCESS
Multi-Mix
® is a manufacturing process based on fluoropolymer composite substrates that are fusion
bonded together into a multilayer structure. The fusion bonding process yields a homogeneous
monolithic structure with superior performance at microwave and millimeter wave frequencies. The
bonded layers can contain embedded semiconductors, MMICs, etched resistors, circuit patterns, and
plated-through vias to form a SMD module that requires no additional packaging and is suitable for
automated assembly.
TECHNICAL DESCRIPTION / APPLICATION
• 2.04 - 2.24 GHz
• LOW LOSS
• LOW VSWR
• HIGH ISOLATION
• SURFACE MOUNT
REV: 002, 06/28/02
THE MULTI-MIX MICROTECHNOLOGY
® GROUP IS ISO-9001 REGISTERED
Merrimac Industries / 41 Fairfield Place, West Caldwell, NJ 07006
Tel: 1.888.434.MMFM / Fax: 973.882.5990 / Email: MMFM@merrimacind.com / www.Multi-Mix.com
AVAILABLE ON
TAPE & REEL
U.S. patent 6,099,677 and other patents pending.


Número de pieza similar - ILC-3F-2.14G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Merrimac Industries, In...
ILC-3F-2.0G MERRIMAC-ILC-3F-2.0G Datasheet
165Kb / 5P
   IN-LINE COUPLERS
More results

Descripción similar - ILC-3F-2.14G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Merrimac Industries, In...
ILC-3F-2.0G MERRIMAC-ILC-3F-2.0G Datasheet
165Kb / 5P
   IN-LINE COUPLERS
logo
Anaren Microwave
10014-30 ANAREN-10014-30 Datasheet
163Kb / 3P
   Directional Couplers In-Line Style
10014-30 ANAREN-10014-30_14 Datasheet
169Kb / 4P
   Directional Couplers In-Line Style
10013-10 ANAREN-10013-10_14 Datasheet
140Kb / 4P
   Directional Couplers In-Line Style
10010-10 ANAREN-10010-10 Datasheet
483Kb / 3P
   Directional Couplers In-Line Style
10013-20 ANAREN-10013-20 Datasheet
458Kb / 3P
   Directional Couplers In-Line Style
10012-20 ANAREN-10012-20_14 Datasheet
127Kb / 4P
   Directional Couplers In-Line Style
logo
Schurter Inc.
60000214 SCHURTER-60000214 Datasheet
82Kb / 1P
   APPLIANCE COUPLERS
logo
Communications & Power ...
VWP1137 CPI-VWP1137 Datasheet
90Kb / 1P
   Power Couplers
VWP3032 CPI-VWP3032 Datasheet
84Kb / 1P
   Power Couplers
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com