Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD4046BPWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD4046BPWR
Descripción Electrónicos  CMOS MICROPOWER PHASE-LOCKED LOOP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD4046BPWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button CD4046BPWR Datasheet HTML 4Page - Texas Instruments CD4046BPWR Datasheet HTML 5Page - Texas Instruments CD4046BPWR Datasheet HTML 6Page - Texas Instruments CD4046BPWR Datasheet HTML 7Page - Texas Instruments CD4046BPWR Datasheet HTML 8Page - Texas Instruments CD4046BPWR Datasheet HTML 9Page - Texas Instruments CD4046BPWR Datasheet HTML 10Page - Texas Instruments CD4046BPWR Datasheet HTML 11Page - Texas Instruments CD4046BPWR Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Número de pieza similar - CD4046BPWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD4046BPWR TI1-CD4046BPWR Datasheet
927Kb / 16P
[Old version datasheet]   CMOS Micropower Phase-Lockedn Loop
CD4046BPWR TI1-CD4046BPWR Datasheet
941Kb / 16P
[Old version datasheet]   CMOS Micropower Phase-Locked Loop
CD4046BPWRE4 TI1-CD4046BPWRE4 Datasheet
927Kb / 16P
[Old version datasheet]   CMOS Micropower Phase-Lockedn Loop
CD4046BPWRG4 TI1-CD4046BPWRG4 Datasheet
927Kb / 16P
[Old version datasheet]   CMOS Micropower Phase-Lockedn Loop
CD4046BPWRG4 TI1-CD4046BPWRG4 Datasheet
941Kb / 16P
[Old version datasheet]   CMOS Micropower Phase-Locked Loop
More results

Descripción similar - CD4046BPWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD4046B TI1-CD4046B_15 Datasheet
941Kb / 16P
[Old version datasheet]   CMOS Micropower Phase-Locked Loop
logo
Intersil Corporation
CD4046BMS INTERSIL-CD4046BMS Datasheet
109Kb / 11P
   CMOS Micropower Phase Locked Loop
December 1992
logo
Micro Electronics
MMC4046 MICRO-ELECTRONICS-MMC4046 Datasheet
306Kb / 8P
   MICROPOWER PHASE LOCKED LOOP
logo
STMicroelectronics
HCF4046B STMICROELECTRONICS-HCF4046B_01 Datasheet
705Kb / 12P
   MICROPOWER PHASE-LOCKED LOOP
logo
Fairchild Semiconductor
CD4046BC FAIRCHILD-CD4046BC Datasheet
185Kb / 14P
   Micropower Phase-Locked Loop
logo
National Semiconductor ...
CD4046BC NSC-CD4046BC Datasheet
310Kb / 14P
   Micropower Phase-Locked Loop
logo
NTE Electronics
NTE980 NTE-NTE980 Datasheet
42Kb / 5P
   Integrated Circuit CMOS, Micropower Phase-Locked Loop (PLL)
logo
Texas Instruments
CD4046BEE4 TI1-CD4046BEE4 Datasheet
927Kb / 16P
[Old version datasheet]   CMOS Micropower Phase-Lockedn Loop
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com