Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD54ACT08 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
CD54ACT08 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 5 page 1 Data sheet acquired from Harris Semiconductor SCHS226A Features • Buffered Inputs • Typical Propagation Delay - 4.3ns at VCC = 5V, TA = 25 oC, C L = 50pF • Exceeds 2kV ESD Protection MIL-STD-883, Method 3015 • SCR-Latchup-Resistant CMOS Process and Circuit Design • Speed of Bipolar FAST™/AS/S with Significantly Reduced Power Consumption • Balanced Propagation Delays • AC Types Feature 1.5V to 5.5V Operation and Balanced Noise Immunity at 30% of the Supply • ±24mA Output Drive Current - Fanout to 15 FAST™ ICs - Drives 50 Ω Transmission Lines Description The ’AC08 and ’ACT08 are quad 2-input AND gates that utilize Advanced CMOS Logic technology. Pinout CD54AC08, CD54ACT08 (CERDIP) CD74AC08, CD74ACT08 (PDIP, SOIC) TOP VIEW Functional Diagram Ordering Information PART NUMBER TEMP. RANGE (oC) PACKAGE CD54AC08F3A -55 to 125 14 Ld CERDIP CD74AC08E -55 to 125 14 Ld PDIP CD74AC08M -55 to 125 14 Ld SOIC CD54ACT08F3A -55 to 125 14 Ld CERDIP CD74ACT08M -55 to 125 14 Ld SOIC NOTES: 1. When ordering, use the entire part number. Add the suffix 96 to obtain the variant in the tape and reel. 2. Wafer and die for this part number is available which meets all elec- trical specifications. Please contact your TI local sales office or cus- tomer service for ordering information. 1A 1B 1Y 2A 2B 2Y GND VCC 4B 4A 4Y 3B 3A 3Y 1 2 3 4 5 6 7 14 13 12 11 10 9 8 TRUTH TABLE INPUTS OUTPUTS nA nB nY LLL HL L LHL HHH 1A 1B 2A 2B 2Y GND 1 2 3 4 5 6 14 13 12 11 VCC 4Y 3Y 3B 4A 4B 10 8 7 9 3A 1Y September 1998 - Revised May 2000 CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures. FAST™ is a Trademark of Fairchild Semiconductor. Copyright © 2000, Texas Instruments Incorporated CD54/74AC08, CD54/74ACT08 Quad 2-Input AND Gate [ /Title (CD74 AC08, CD74 ACT08 ) /Sub- ject (Quad 2-Input AND Gate) /Autho r () /Key- words (Har- ris Semi- con- ductor, Advan ced CMOS , Harris Semi- con- ductor, Advan ced TTL) /Cre- ator () |
Número de pieza similar - CD54ACT08 |
|
Descripción similar - CD54ACT08 |