Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMC-461NT Datasheet(PDF) 1 Page - Crane Aerospace & Electronics.

No. de pieza FMC-461NT
Descripción Electrónicos  EMI INPUT FILTER 28 VOLT INPUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CRANE [Crane Aerospace & Electronics.]
Página de inicio  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

FMC-461NT Datasheet(HTML) 1 Page - Crane Aerospace & Electronics.

  FMC-461NT Datasheet HTML 1Page - Crane Aerospace & Electronics. FMC-461NT Datasheet HTML 2Page - Crane Aerospace & Electronics. FMC-461NT Datasheet HTML 3Page - Crane Aerospace & Electronics. FMC-461NT Datasheet HTML 4Page - Crane Aerospace & Electronics. FMC-461NT Datasheet HTML 5Page - Crane Aerospace & Electronics. FMC-461NT Datasheet HTML 6Page - Crane Aerospace & Electronics. FMC-461NT Datasheet HTML 7Page - Crane Aerospace & Electronics. FMC-461NT Datasheet HTML 8Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MODEL
B3-13
DESCRIPTION
The FMC-461™ EMI filter has been specifically designed to reduce
the input line reflected ripple current of Interpoint’s MHF, MTR, MTO,
MHV, MHF+, MHD, MTW, MHE, and MLP series of DC/DC
converters. It is intended for use in applications which have high
frequency switch-mode DC/DC converters and which must meet
MIL-STD-461C levels of conducted and radiated noise.
The FMC filter is built using thick-film hybrid technology and is
hermetically sealed in metal packages for military, aerospace, and
other high-reliability applications. The filter uses only ceramic
capacitors for reliable high temperature operation.
MIL-STD NOISE MANAGEMENT
When used in conjunction with Interpoint converters, the FMC-461
filter reduces input ripple current by 40 dB within the frequency band
of 200 kHz to 50 MHz. This gives the filter/converter combination a
performance which exceeds the CEO3 test of MIL-STD-461C.
Typical FMC-461 filter frequency response and output impedance
behavior are shown in Figures 4 and 5. CEO3 performance of a
typical converter with the FMC-461 filter connected is shown in
Figure 3.
TRANSIENT SUPPRESSION
The FMC-461 filter also features a fast-reacting (1 pico second)
transient suppressor which begins clamping the input voltage at
approximately 47 VDC, protecting the DC/DC converter from
damage from induced line transients.
OPERATING TEMPERATURE
The filter is rated to operate with no degradation of performance
over the temperature range of -55°C to +125°C (as measured at the
baseplate). Above +125°C, current must be derated as specified on
the following page.
INSERTION LOSS
The maximum DC insertion loss for the FMC-461 filter (at a load of
22 watts) represents a power loss of less than 2% at typical input
voltage.
LAYOUT REQUIREMENT
The case pin, and ideally the case, should be tied to the case of the
converter through a low-inductance connection.
EMI INPUT FILTER
28 VOLT INPUT
FMC EMI FILTER
2.7 AMP
FEATURES
• –55°C to +125°C operation
• Up to 50 dB attenuation
400 kHz to 50 MHz
• Transient suppression
• Compliant to
MIL-STD-461C, CE03
• Compatible with
MIL-STD-704E
DC power bus
Size (max): Non-flanged, case H1
2.125 x 1.125 x 0.400 (53.98 x 28.58 x 10.16 mm)
Flanged, case K2
2.910 x 1.125 x 0.400 inches (73.91 x 28.58 x 10.16 mm)
See Section B8, cases H1 and K2, for dimensions.
Weight:
48 grams maximum
Screening:
Standard, ES, or 883 (Class H). See Section C2 for
screening options, see Section A5 for ordering information.
FMC-461
FMC-461NT
2.7 Amp
2.7 Amp


Número de pieza similar - FMC-461NT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Interpoint Corporation ...
FMC-461NT INTERPOINT-FMC-461NT Datasheet
121Kb / 8P
   EMI INPUT FILTER 28 VOLT INPUT
FMC-461NT/883 INTERPOINT-FMC-461NT/883 Datasheet
121Kb / 8P
   EMI INPUT FILTER 28 VOLT INPUT
FMC-461NTF/883 INTERPOINT-FMC-461NTF/883 Datasheet
121Kb / 8P
   EMI INPUT FILTER 28 VOLT INPUT
More results

Descripción similar - FMC-461NT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Interpoint Corporation ...
FMC-461 INTERPOINT-FMC-461 Datasheet
121Kb / 8P
   EMI INPUT FILTER 28 VOLT INPUT
STF28-461 INTERPOINT-STF28-461 Datasheet
60Kb / 4P
   EMI INPUT FILTER 28 VOLT INPUT
FMH-461 INTERPOINT-FMH-461 Datasheet
311Kb / 9P
   EMI INPUT FILTER 28 VOLT INPUT
logo
Crane Aerospace & Elect...
FMSA-461 CRANE-FMSA-461 Datasheet
233Kb / 6P
   EMI INPUT FILTER 28 VOLT INPUT
logo
Interpoint Corporation ...
FMSA-461 INTERPOINT-FMSA-461 Datasheet
387Kb / 7P
   EMI INPUT FILTER 28 VOLT INPUT
MSF-461 INTERPOINT-MSF-461 Datasheet
344Kb / 6P
   EMI INPUT FILTER 28 VOLT INPUT
logo
Crane Aerospace & Elect...
SFME28-461 CRANE-SFME28-461 Datasheet
66Kb / 5P
   EMI INPUT FILTER 28 VOLT INPUT
FMH-461 CRANE-FMH-461 Datasheet
312Kb / 9P
   EMI INPUT FILTER 28 VOLT INPUT
logo
Interpoint Corporation ...
FMGA-461 INTERPOINT-FMGA-461 Datasheet
185Kb / 6P
   EMI INPUT FILTER 28 VOLT INPUT SURFACE MOUNT
logo
Crane Aerospace & Elect...
FMGA-461 CRANE-FMGA-461 Datasheet
186Kb / 6P
   EMI INPUT FILTER 28 VOLT INPUT SURFACE MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com