Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FME28-461 Datasheet(PDF) 2 Page - Crane Aerospace & Electronics.

No. de pieza FME28-461
Descripción Electrónicos  EMI INPUT FILTERS 28 & 270 VOLT INPUT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CRANE [Crane Aerospace & Electronics.]
Página de inicio  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

FME28-461 Datasheet(HTML) 2 Page - Crane Aerospace & Electronics.

  FME28-461 Datasheet HTML 1Page - Crane Aerospace & Electronics. FME28-461 Datasheet HTML 2Page - Crane Aerospace & Electronics. FME28-461 Datasheet HTML 3Page - Crane Aerospace & Electronics. FME28-461 Datasheet HTML 4Page - Crane Aerospace & Electronics. FME28-461 Datasheet HTML 5Page - Crane Aerospace & Electronics. FME28-461 Datasheet HTML 6Page - Crane Aerospace & Electronics. FME28-461 Datasheet HTML 7Page - Crane Aerospace & Electronics. FME28-461 Datasheet HTML 8Page - Crane Aerospace & Electronics. FME28-461 Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
Input Voltage
• 0 to 40 VDC continuous for 28 V models
• 0 to 400 VDC continuous for 270 V models
Lead Soldering Temperature (10 sec per lead)
• 300°C
Storage Temperature Range (Case)
• –65°C to +150°C
Isolation
• 100 megohm minimum at 500 V, any pin to case
(except FMD downleaded case case pin)
B3-8
FMD/FME EMI FILTER
0.7 TO 15 AMP
Input Voltage Range
• 0 to 40 VDC continuous for 28 V models
• 0 TO 400 VDC continuous for 270 V models
Case Operating Temperature (Tc)
• –55°C to +125°C full power
• –55°C to +135°C absolute
Derating Input/Output Current
• Linearly from 100% at 125°C to 0% at 135° C
Electrical Characteristics: 25°C Tc, nominal Vin, unless otherwise specified.
EMI INPUT FILTERS
FMD28-461
FMD270-461
FME28-461
FME270-461
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT VOLTAGE
CONTINUOUS
0
28
40
0
270
400
0
28
40
0
270
400
VDC
TRANSIENT 100 ms1
–100
100
–500
500
–100
100
–500
500
V
NOISE
500 kHz
50
60
50
60
30
40
40
50
dB
REJECTION
1 MHz
45
55
45
55
40
50
45
55
DC RESISTANCE
MAX. CURRENT
(RDC)
Tc=25°C
0.12
5.0
0.07
2.0
Tc=125°C
0.15
6.3
0.07
3.2
CAPACITANCE
ANY PIN TO CASE
20,000
30,000
60,000
60,000
pF
OUTPUT VOLTAGE
STEADY STATE
VOUT = VIN - IIN(RDC)
VDC
OUTPUT CURRENT
STEADY STATE
7
0.7
15
1.5
A
POWER
MAX. CURRENT
DISSIPATION
Tc=25°C
6.0
2.5
15.75
4.5
W
Tc=125°C
7.4
3.1
15.75
7.2
Note
1. 28 V models = 0.5
Ω source impedance, 270 V models = independent of source impedance.


Número de pieza similar - FME28-461

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Interpoint Corporation ...
FME28-461 INTERPOINT-FME28-461 Datasheet
238Kb / 16P
   EMI INPUT FILTERS 28 & 270 VOLT INPUT
FME28-461/883 INTERPOINT-FME28-461/883 Datasheet
238Kb / 16P
   EMI INPUT FILTERS 28 & 270 VOLT INPUT
FME28-461/883 INTERPOINT-FME28-461/883 Datasheet
865Kb / 13P
   EMI Input Filters 28 Volt Input ??15 Amp
FME28-461V/883 INTERPOINT-FME28-461V/883 Datasheet
238Kb / 16P
   EMI INPUT FILTERS 28 & 270 VOLT INPUT
FME28-461V/883 INTERPOINT-FME28-461V/883 Datasheet
865Kb / 13P
   EMI Input Filters 28 Volt Input ??15 Amp
More results

Descripción similar - FME28-461

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Interpoint Corporation ...
FMD28-461 INTERPOINT-FMD28-461 Datasheet
238Kb / 16P
   EMI INPUT FILTERS 28 & 270 VOLT INPUT
FM-461 INTERPOINT-FM-461 Datasheet
197Kb / 11P
   EMI INPUT FILTERS 28 VOLT INPUT
FMD28-461 INTERPOINT-FMD28-461_14 Datasheet
201Kb / 8P
   EMI Input Filters 28 Volt input ??7 Amp
FMCE-0828 INTERPOINT-FMCE-0828_11 Datasheet
1Mb / 11P
   EMI Input Filters 28 Volt input ??8 Amp
FME28-461 INTERPOINT-FME28-461_10 Datasheet
865Kb / 13P
   EMI Input Filters 28 Volt Input ??15 Amp
FMGA-461 INTERPOINT-FMGA-461_15 Datasheet
349Kb / 14P
   FMSA/FMGA EMI Input Filters 28 Volt Input - 0.8 AMP
FMC-461 INTERPOINT-FMC-461 Datasheet
121Kb / 8P
   EMI INPUT FILTER 28 VOLT INPUT
STF28-461 INTERPOINT-STF28-461 Datasheet
60Kb / 4P
   EMI INPUT FILTER 28 VOLT INPUT
FMH-461 INTERPOINT-FMH-461 Datasheet
311Kb / 9P
   EMI INPUT FILTER 28 VOLT INPUT
logo
Crane Aerospace & Elect...
FMSA-461 CRANE-FMSA-461 Datasheet
233Kb / 6P
   EMI INPUT FILTER 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com