Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74ACT297M Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD74ACT297M
Descripción Electrónicos  DIGITAL PHASE-LOCKED LOOP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT297M Datasheet(HTML) 9 Page - Texas Instruments

Back Button CD74ACT297M Datasheet HTML 4Page - Texas Instruments CD74ACT297M Datasheet HTML 5Page - Texas Instruments CD74ACT297M Datasheet HTML 6Page - Texas Instruments CD74ACT297M Datasheet HTML 7Page - Texas Instruments CD74ACT297M Datasheet HTML 8Page - Texas Instruments CD74ACT297M Datasheet HTML 9Page - Texas Instruments CD74ACT297M Datasheet HTML 10Page - Texas Instruments CD74ACT297M Datasheet HTML 11Page - Texas Instruments CD74ACT297M Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CD74ACT297
DIGITAL PHASE-LOCKED LOOP
SCHS297A – AUGUST 1998 – REVISED SEPTEMBER 1999
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
φB
92CS-40451
φA1
XORPD OUT
Figure 6. Exclusive-OR Phase-Detector Waveforms
tTHL
tPHL
1/F max
I/D CLK
tPHL
I/D OUT
tTLH
50% VCC
tw
1.5 V
92CS-40452
1.5 V
50% VCC
10%
90%
3 V
0 V
VOL
≈VCC
Figure 7. Waveforms Showing Clock (ID CLK) to Output (ID OUT) Propagation Delays,
Clock Pulse Duration, and Maximum Clock Pulse Frequency
tPLH
92CS-43151
tPHL
tPLH
tPHL
φB
φA1
XORPD OUT
50% VCC
1.5 V
50% VCC
50% VCC
50% VCC
1.5 V
1.5 V
1.5 V
3 V
0 V
3 V
0 V
VOL
≈VCC
Figure 8. Waveforms Showing Phase Input (
φB, φA2) to Output (XORPD OUT) Propagation Delays


Número de pieza similar - CD74ACT297M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74ACT297M TI1-CD74ACT297M Datasheet
463Kb / 18P
[Old version datasheet]   DIGITAL PHASE-LOCKED LOOP
CD74ACT297M96 TI1-CD74ACT297M96 Datasheet
463Kb / 18P
[Old version datasheet]   DIGITAL PHASE-LOCKED LOOP
More results

Descripción similar - CD74ACT297M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74ACT297 TI1-CD74ACT297_14 Datasheet
463Kb / 18P
[Old version datasheet]   DIGITAL PHASE-LOCKED LOOP
SN54LS297 TI-SN54LS297_07 Datasheet
513Kb / 15P
[Old version datasheet]   DIGITAL PHASE-LOCKED-LOOP FILTERS
logo
NXP Semiconductors
74HC297 PHILIPS-74HC297 Datasheet
101Kb / 12P
   Digital phase-locked-loop filter
September 1993
logo
Texas Instruments
SN54LS297 TI-SN54LS297 Datasheet
307Kb / 7P
[Old version datasheet]   DIGITAL PHASE-LOCKED-LOOP FILTERS
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
   PHASE LOCKED LOOP
PSN2710A ZCOMM-PSN2710A_10 Datasheet
78Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com