Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD74FCT822AEN Datasheet(PDF) 2 Page - Texas Instruments |
|
CD74FCT822AEN Datasheet(HTML) 2 Page - Texas Instruments |
2 / 7 page 8-2 Functional Diagram IEC Logic Symbol TRUTH TABLE INPUTS OUTPUTS CD74FCT821A CD74FCT822A OE CP DN QN QN L ↑ HH L L ↑ LL H LL X NC NC HX X Z Z NOTE: 1. H = HIGH level (steady state) L = LOW level (steady state) X = Immaterial ↑ = Transition from LOW to HIGH level Z = HIGH impedance NC = No change 2 3 4 5 6 7 8 9 D0 D1 D2 D3 D4 D5 D6 D7 1 GND = PIN 12 VCC = PIN 24 13 OE CP 10 11 D8 D9 23 22 21 20 19 18 17 16 15 14 Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 Q8 Q9 Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 Q8 Q9 821A 822A CD74FCT821A CD74FCT822A EN 1 2 3 4 5 6 7 8 9 >C1 13 1D 10 11 23 22 21 20 19 18 17 16 15 14 EN 1 2 3 4 5 6 7 8 9 >C1 13 1D 10 11 23 22 21 20 19 18 17 16 15 14 CD74FCT821A, CD74FCT822A |
Número de pieza similar - CD74FCT822AEN |
|
Descripción similar - CD74FCT822AEN |