Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD240C Datasheet(PDF) 1 Page - Savantic, Inc.

No. de pieza BD240C
Descripción Electrónicos  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAVANTIC [Savantic, Inc.]
Página de inicio  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

BD240C Datasheet(HTML) 1 Page - Savantic, Inc.

  BD240C Datasheet HTML 1Page - Savantic, Inc. BD240C Datasheet HTML 2Page - Savantic, Inc. BD240C Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
BD240/A/B/C
DESCRIPTION
··With TO-220C package
·Complement to type BD239/A/B/C
APPLICATIONS
·For medium power linear and
switching applications
PINNING
PIN
DESCRIPTION
1
Emitter
2
Collector;connected to
mounting base
3
Base
Absolute maximum ratings (Ta=25 )
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
BD240
-55
BD240A
-70
BD240B
-90
VCBO
Collector-base voltage
BD240C
Open emitter
-115
V
BD240
-45
BD240A
-60
BD240B
-80
VCEO
Collector-emitter voltage
BD240C
Open base
-100
V
VEBO
Emitter-base voltage
Open collector
-5
V
IC
Collector current
-2
A
ICM
Collector current-peak
-4
A
IB
Base current
-0.6
A
PC
Collector power dissipation
TC=25
30
W
Tj
Junction temperature
150
Tstg
Storage temperature
-65~150


Número de pieza similar - BD240C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Innovations Ltd
BD240C POINN-BD240C Datasheet
86Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BD240C NJSEMI-BD240C Datasheet
126Kb / 2P
   Silicon PNP Power Transistor
logo
Transys Electronics
BD240C TRSYS-BD240C Datasheet
474Kb / 5P
   PNP SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
BD240C FAIRCHILD-BD240C Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
logo
Bourns Electronic Solut...
BD240C BOURNS-BD240C Datasheet
107Kb / 5P
   PNP SILICON POWER TRANSISTORS
More results

Descripción similar - BD240C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com