Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CDCVF2509PWR Datasheet(PDF) 3 Page - Texas Instruments |
|
|
CDCVF2509PWR Datasheet(HTML) 3 Page - Texas Instruments |
3 / 11 page CDCVF2509 3.3-V PHASE-LOCK LOOP CLOCK DRIVER SCAS637 – DECEMBER 1999 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 AVAILABLE OPTIONS PACKAGE TA SMALL OUTLINE (PW) 0 °C to 85°C CDCVF2509PWR Terminal Functions TERMINAL TYPE DESCRIPTION NAME NO. TYPE DESCRIPTION CLK 24 I Clock input. CLK provides the clock signal to be distributed by the CDCVF2509 clock driver. CLK is used to provide the reference signal to the integrated PLL that generates the clock output signals. CLK must have a fixed frequency and fixed phase for the PLL to obtain phase lock. Once the circuit is powered up and a valid CLK signal is applied, a stabilization time is required for the PLL to phase lock the feedback signal to its reference signal. FBIN 13 I Feedback input. FBIN provides the feedback signal to the internal PLL. FBIN must be hard-wired to FBOUT to complete the PLL. The integrated PLL synchronizes CLK and FBIN so that there is nominally zero phase error between CLK and FBIN. 1G 11 I Output bank enable. 1G is the output enable for outputs 1Y(0:4). When 1G is low, outputs 1Y(0:4) are disabled to a logic-low state. When 1G is high, all outputs 1Y(0:4) are enabled and switch at the same frequency as CLK. 2G 14 I Output bank enable. 2G is the output enable for outputs 2Y(0:3). When 2G is low, outputs 2Y(0:3) are disabled to a logic low state. When 2G is high, all outputs 2Y(0:3) are enabled and switch at the same frequency as CLK. FBOUT 12 O Feedback output. FBOUT is dedicated for external feedback. It switches at the same frequency as CLK. When externally wired to FBIN, FBOUT completes the feedback loop of the PLL. FBOUT has an integrated 25- Ω series-damping resistor. 1Y (0:4) 3, 4, 5, 8, 9 O Clock outputs. These outputs provide low-skew copies of CLK. Output bank 1Y(0:4) is enabled via the 1G input. These outputs can be disabled to a logic-low state by deasserting the 1G control input. Each output has an integrated 25- Ω series-damping resistor. 2Y (0:3) 21, 20, 17, 16 O Clock outputs. These outputs provide low-skew copies of CLK. Output bank 2Y(0:3) is enabled via the 2G input. These outputs can be disabled to a logic-low state by deasserting the 2G control input. Each output has an integrated 25- Ω series-damping resistor. AVCC 23 Power Analog power supply. AVCC provides the power reference for the analog circuitry. In addition, AVCC can be used to bypass the PLL for test purposes. When AVCC is strapped to ground, PLL is bypassed and CLK is buffered directly to the device outputs. AGND 1 Ground Analog ground. AGND provides the ground reference for the analog circuitry. VCC 2, 10, 15, 22 Power Power supply GND 6, 7, 18, 19 Ground Ground |
Número de pieza similar - CDCVF2509PWR |
|
Descripción similar - CDCVF2509PWR |