Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SD2390 Datasheet(PDF) 2 Page - Savantic, Inc.

No. de pieza 2SD2390
Descripción Electrónicos  Silicon NPN Darlington Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAVANTIC [Savantic, Inc.]
Página de inicio  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SD2390 Datasheet(HTML) 2 Page - Savantic, Inc.

  2SD2390 Datasheet HTML 1Page - Savantic, Inc. 2SD2390 Datasheet HTML 2Page - Savantic, Inc. 2SD2390 Datasheet HTML 3Page - Savantic, Inc. 2SD2390 Datasheet HTML 4Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Darlington Power Transistors
2SD2390
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=30mA ;IB=0
150
V
VCEsat
Collector-emitter saturation voltage
IC=7A ;IB=7mA
2.5
V
VBEsat
Base-emitter saturation voltage
IC=7A ;IB=7mA
3.0
V
ICBO
Collector cut-off current
VCB=160V IE=0
100
µA
IEBO
Emitter cut-off current
VEB=5V; IC=0
100
µA
hFE
DC current gain
IC=7A ; VCE=4V
5000
Cob
Output capacitance
IE=0 ; VCB=10V;f=1MHz
95
pF
fT
Transition frequency
IC=2A ; VCE=12V
55
MHz
Switching times
ton
Turn-on time
0.5
µs
ts
Storage time
10.0
µs
tf
Fall time
IC=7A;RL=10B
IB1=- IB2=7mA
VCC=70V
1.1
µs
hFE Classifications
O
P
Y
5000-12000
6500-20000
15000-30000


Número de pieza similar - 2SD2390

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
2SD2390 SANKEN-2SD2390 Datasheet
25Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Audio, Series Regulator and General Purpose)
2SD2390 SANKEN-2SD2390 Datasheet
34Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
logo
Savantic, Inc.
2SD2390 SAVANTIC-2SD2390 Datasheet
172Kb / 4P
   Silicon NPN Darlington Power Transistors
logo
Inchange Semiconductor ...
2SD2390 ISC-2SD2390 Datasheet
288Kb / 2P
   isc Silicon NPN Darlington Power Transistor
logo
Sanken electric
2SD2390 SANKEN-2SD2390_01 Datasheet
33Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
More results

Descripción similar - 2SD2390

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MJ10005 ONSEMI-MJ10005 Datasheet
229Kb / 8P
   NPN SILICON POWER DARLINGTON TRANSISTORS
REV 2
MJ10020 ONSEMI-MJ10020 Datasheet
293Kb / 8P
   NPN SILICON POWER DARLINGTON TRANSISTORS
1995
logo
Quanzhou Jinmei Electro...
2SD2439 JMNIC-2SD2439_15 Datasheet
88Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD1895_2015 JMNIC-2SD1895_2015 Datasheet
98Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Inchange Semiconductor ...
2SD2386 ISC-2SD2386 Datasheet
83Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Quanzhou Jinmei Electro...
2SD1895 JMNIC-2SD1895 Datasheet
98Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Savantic, Inc.
2SC3144 SAVANTIC-2SC3144 Datasheet
99Kb / 3P
   Silicon NPN Darlington Power Transistors
2SC3146 SAVANTIC-2SC3146 Datasheet
96Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2386 SAVANTIC-2SD2386 Datasheet
126Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2439 SAVANTIC-2SD2439 Datasheet
142Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2560 SAVANTIC-2SD2560 Datasheet
147Kb / 3P
   Silicon NPN Darlington Power Transistors
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com