Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DAC7800LU Datasheet(PDF) 5 Page - Texas Instruments |
|
|
DAC7800LU Datasheet(HTML) 5 Page - Texas Instruments |
5 / 17 page DAC7800, 7801, 7802 5 SBAS005A www.ti.com LOGIC TRUTH TABLE BLOCK DIAGRAM PIN CONFIGURATION 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 AGND A CS DB0 DB1 DB2 DB3 DB4 DB5 DGND AGND B I R V V UPD WR CLR A1 A0 DB7 DB6 OUT A FB A REF A FB B REF B DD OUT B DAC7801 I R V DAC7801 CLR UPD CS WR A1 A0 FUNCTION 1 1 1 X X X No Data Transfer 1 1 X 1 X X No Data Transfer 0 X X X X X All Registers Cleared 1 1 0 0 0 0 DAC A LS Input Register Loaded with DB7 - DB0 (LSB) 1 1 0 0 0 1 DAC A MS Input Register Loaded with DB3 (MSB) - DB0 1 1 0 0 1 0 DAC B LS Input Register Loaded with DB7 - DB0 (LSB) 1 1 0 0 1 1 DAC B MS Input Register Loaded with DB3 (MSB) - DB0 1 0 1 0 X X DAC A, DAC B Registers Updated Simultaneously from Input Registers 1 0 0 0 X X DAC A, DAC B Registers are Transparent X = Don’t care. TIMING CHARACTERISTICS VDD = +5V, VREF A = VREF B = +10V, TA = –40°C to +85°C. PARAMETER MINIMUM t1 — Address Valid to Write Setup Time 10ns t2 — Address Valid to Write Hold Time 10ns t3 — Data Setup Time 30ns t4 — Data Hold Time 10ns t5 — Chip Select or Update to Write Setup Time 0ns t6 — Chip Select or Update to Write Hold Time 0ns t7 — Write Pulse Width 40ns t8 — Clear Pulse Width 40ns A0–A1 CLR t 2 t 1 t 8 WR t 7 CS, UPD t 6 t 4 t 3 DATA t 5 5V 0V 5V 0V 5V 0V 5V 0V 5V 0V NOTES: (1) All input signal rise and fall times are measured from 10% to 90% of +5V. t R = t F = 5ns. (2) Timing measurement reference level is . V IH + VIL 2 DAC A I AGND A R V V R I AGND B OUT A FB A REF A REF B FB B OUT B 20 V DD 2 1 3 4 21 22 23 24 DAC A Register 4 8 DAC A LS Input Reg DAC A MS Input Reg DAC B DAC B Register 4 8 12 DGND DAC B LS Input Reg DAC B MS Input Reg 19 16 15 5 18 17 UPD A1 A0 CS WR CLR DAC7801 14 6 DB7–DB0 12 12 Top View DIP |
Número de pieza similar - DAC7800LU |
|
Descripción similar - DAC7800LU |