Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU941 Datasheet(PDF) 2 Page - Savantic, Inc.

No. de pieza BU941
Descripción Electrónicos  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAVANTIC [Savantic, Inc.]
Página de inicio  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

BU941 Datasheet(HTML) 2 Page - Savantic, Inc.

  BU941 Datasheet HTML 1Page - Savantic, Inc. BU941 Datasheet HTML 2Page - Savantic, Inc. BU941 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BU941
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=0.1A; IB=0;L=10mH
400
V
VCE(sat-1)
Collector-emitter saturation voltage
IC=8 A;IB=100mA
1.6
V
VCE(sat-2)
Collector-emitter saturation voltage
IC=10 A;IB=250mA
1.8
V
VCE(sat-3)
Collector-emitter saturation voltage
IC=12 A;IB=300mA
2.0
V
VBE(sat-1)
Base-emitter saturation voltage
IC=8 A;IB=100mA
2.2
V
VBE(sat-2)
Base-emitter saturation voltage
IC=10 A;IB=250mA
2.5
V
VBE(sat-3)
Base-emitter saturation voltage
IC=12 A;IB=300mA
2.7
V
ICES
Collector cut-off current
VCE=500V;VBE=0
Tj=125
0.1
0.5
mA
ICEO
Collector cut-off current
VCE=450V;IB=0
Tj=125
0.1
0.5
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
20
mA
hFE
DC current gain
IC=5A ; VCE=10V
300
VF
Diode forward voltage
IF=10A
2.5
V


Número de pieza similar - BU941

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
BU941 STMICROELECTRONICS-BU941 Datasheet
87Kb / 8P
   HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON
logo
Unisonic Technologies
BU941 UTC-BU941 Datasheet
179Kb / 4P
   NPN POWER DARLINGTON HIGH VOLTAGE IGNITION COIL DRIVER
logo
Inchange Semiconductor ...
BU941 ISC-BU941 Datasheet
111Kb / 3P
   isc Silicon NPN Power Transistor
logo
Quanzhou Jinmei Electro...
BU941 JMNIC-BU941 Datasheet
70Kb / 3P
   Silicon NPN Power Transistor
logo
STMicroelectronics
BU941 STMICROELECTRONICS-BU941 Datasheet
491Kb / 12P
   High voltage ignition coil driver NPN power Darlington transistors
More results

Descripción similar - BU941

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com