Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPL121000 Datasheet(PDF) 2 Page - CSB Battery Co., Ltd.

No. de pieza TPL121000
Descripción Electrónicos  a front terminal battery up to 12years expected life under normal float charge
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CSB-BATTERY [CSB Battery Co., Ltd.]
Página de inicio  http://www.csb-battery.com
Logo CSB-BATTERY - CSB Battery Co., Ltd.

TPL121000 Datasheet(HTML) 2 Page - CSB Battery Co., Ltd.

  TPL121000 Datasheet HTML 1Page - CSB Battery Co., Ltd. TPL121000 Datasheet HTML 2Page - CSB Battery Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
68
Charge Voltage(V/Cell)
Application
Temperature
Set Point
Allowable Range
Max.Charge Current
Cycle Use
25 (77 )
2.45
2.40~2.50
Standby
25 (77 )
2.275
2.25~2.30
0.3C
Final Discharge
Voltage V/Cell
1.75
1.70
1.60
1.30
Discharge
Current(A)
0.2C>(A)
0.2C<(A)<0.5C
0.5C<(A)<1.0C
(A)>1.0C
Retention Ratio
2.60
4
0
8
12
16
20
24
2.20
2.40
2.00
1.80
1.60
1.40
0.20
0.14
0.17
0.11
0.08
0.05
0.02
140
100
120
80
60
40
20
)Ratio
2.60
4
0
8
12
16
20
24
2.20
2.40
2.00
1.80
1.60
1.40
0.20
0.14
0.17
0.11
0.08
0.05
0.02
140
100
120
80
60
40
20
)Ratio
13.65V
(2.275V/Cell)
TPL121000
12V 100Ah
GLOBAL HQ
CSB BATTERY CO., LTD. (TAIWAN)
Tel : +886-2-2555-5600
Fax : +886-2-2555-3300
mail : service@csb-battery.com.tw
AMERICA HQ
CSB BATTERY TECHNOLOGIES INC. (U.S.A)
Tel : +1-817-244-7777/1-(800)3-CSB-USA(272872)
Fax : +1-817-244-4445
mail : csb@csb-battery.com
EUROPE HQ
CSB Battery Europe BV.
Tel : +31(0)-180-418-140
Fax : +886-2-2555-3300
mail : eurosales@csb-battery.eu
BEIJING OFFICE. (CHINA)
CSB BATTERY TECHNOLOGIES (BEIJING) CO., LTD.
Tel : +86-10-59621300/1301/1302/1303
Fax : +86-10-59621304
mail : chinasls@csb-battery.com
SHANGHAI OFFICE. (CHINA)
CSB BATTERY LOGISTIC (SHANGHAI) CO., LTD.
Tel : +86-21-5046-1622/5046-0833
Fax : +86-21-5064-3314
mail : chinasls@csb-battery.com
SHENZHEN OFFICE.( CHINA )
CSB BATTERY LOGISTIC ( SHANGHAI ) CO., LTD.
Tel : +86-755-8831-6488/6396/6356
Fax : +86-755-8831-6548
mail : she@csb-battery.com.cn


Número de pieza similar - TPL121000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CSB Battery Co., Ltd.
TPL121000T CSB-BATTERY-TPL121000T Datasheet
636Kb / 2P
   A front access design with an upgraded degassing system ,up to 12 years expected life.
TPL121000T CSB-BATTERY-TPL121000T_16 Datasheet
636Kb / 2P
   Cells per unit 6 Voltage per unit 12
TPL121000T CSB-BATTERY-TPL121000T_17 Datasheet
365Kb / 1P
   Valve Regulated Lead Acid Battery
TPL121000 CSB-BATTERY-TPL121000_16 Datasheet
668Kb / 2P
   Cells per unit 6 Voltage per unit 12
TPL121000 CSB-BATTERY-TPL121000_17 Datasheet
365Kb / 1P
   Valve Regulated Lead Acid Battery
More results

Descripción similar - TPL121000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CSB Battery Co., Ltd.
TPL121500 CSB-BATTERY-TPL121500 Datasheet
462Kb / 2P
   a front terminal battery up to 12years expected life under normal float charge
TPL121350 CSB-BATTERY-TPL121350 Datasheet
462Kb / 2P
   a front terminal battery up to 12years expected life under normal float charge
TPL12900 CSB-BATTERY-TPL12900 Datasheet
461Kb / 2P
   a front terminal battery up to 12years expected life under normal float charge
TPL12800 CSB-BATTERY-TPL12800 Datasheet
460Kb / 2P
   a front terminal battery up to 12years expected life under normal float charge
TPL121250 CSB-BATTERY-TPL121250 Datasheet
460Kb / 2P
   a front terminal baattery up to 12years expected life under normal float charge
MSJ650 CSB-BATTERY-MSJ650 Datasheet
561Kb / 2P
   a long sevice life battery up to 20years expected life under normal float charge
MSV1000 CSB-BATTERY-MSV1000 Datasheet
637Kb / 2P
   a long service life battery up to 10years expected life under normal float charge
MSV650 CSB-BATTERY-MSV650 Datasheet
583Kb / 2P
   a long service life battery up to 15years expected life under normal float charge
MSJ200 CSB-BATTERY-MSJ200 Datasheet
639Kb / 2P
   a long sevice life battery up to 20years expected life under normal float charge
MSJ400 CSB-BATTERY-MSJ400 Datasheet
895Kb / 2P
   A long service life battery up to 20years expected life under normal float charge.
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com