Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74LS157DG4 Datasheet(PDF) 9 Page - Texas Instruments |
|
SN74LS157DG4 Datasheet(HTML) 9 Page - Texas Instruments |
9 / 17 page Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) (RoHS) SN74LS158N3 OBSOLETE PDIP N 16 TBD Call TI Call TI SN74LS158NE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74LS158NSR ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS158NSRE4 ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74S157D ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74S157DE4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74S157N ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74S157N3 OBSOLETE PDIP N 16 TBD Call TI Call TI SN74S157NE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74S157NSR ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74S157NSRE4 ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74S158D OBSOLETE SOIC D 16 TBD Call TI Call TI SN74S158DR OBSOLETE SOIC D 16 TBD Call TI Call TI SN74S158N OBSOLETE PDIP N 16 TBD Call TI Call TI SN74S158N3 OBSOLETE PDIP N 16 TBD Call TI Call TI SNJ54157J ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SNJ54157W ACTIVE CFP W 16 1 TBD Call TI Level-NC-NC-NC SNJ54LS157FK ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC SNJ54LS157J ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SNJ54LS157W ACTIVE CFP W 16 1 TBD Call TI Level-NC-NC-NC SNJ54LS158FK ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC SNJ54LS158J ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SNJ54LS158W ACTIVE CFP W 16 1 TBD Call TI Level-NC-NC-NC SNJ54S157FK ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC SNJ54S157J ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SNJ54S157W ACTIVE CFP W 16 1 TBD Call TI Level-NC-NC-NC SNJ54S158FK OBSOLETE LCCC FK 20 TBD Call TI Call TI SNJ54S158J OBSOLETE CDIP J 16 TBD Call TI Call TI SNJ54S158W OBSOLETE CFP W 16 TBD Call TI Call TI (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS) or Green (RoHS & no Sb/Br) - please check PACKAGE OPTION ADDENDUM www.ti.com 17-Oct-2005 Addendum-Page 2 |
Número de pieza similar - SN74LS157DG4 |
|
Descripción similar - SN74LS157DG4 |