Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74ABT162827ADGG Datasheet(PDF) 3 Page - Texas Instruments |
|
SN74ABT162827ADGG Datasheet(HTML) 3 Page - Texas Instruments |
3 / 11 page SN54ABT162827A, SN74ABT162827A 20BIT BUFFERS/DRIVERS WITH 3STATE OUTPUTS SCBS248F − JULY 1993 − REVISED JUNE 2004 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions (see Note 3) SN54ABT162827A SN74ABT162827A UNIT MIN MAX MIN MAX UNIT VCC Supply voltage 4.5 5.5 4.5 5.5 V VIH High-level input voltage 2 2 V VIL Low-level input voltage 0.8 0.8 V VI Input voltage 0 VCC 0 VCC V IOH High-level output current −3 −12 mA IOL Low-level output current 8 12 mA ∆t/∆V Input transition rise or fall rate 10 10 ns/V ∆t/∆VCC Power-up ramp rate 200 200 µs/V TA Operating free-air temperature −55 125 −40 85 °C NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice. |
Número de pieza similar - SN74ABT162827ADGG |
|
Descripción similar - SN74ABT162827ADGG |