Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74ABT16373A Datasheet(PDF) 4 Page - Texas Instruments |
|
|
SN74ABT16373A Datasheet(HTML) 4 Page - Texas Instruments |
4 / 11 page SN54ABT16373A, SN74ABT16373A 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS SCBS160C – DECEMBER 1992 – REVISED MAY 1997 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS TA = 25°C SN54ABT16373A SN74ABT16373A UNIT PARAMETER TEST CONDITIONS MIN TYP† MAX MIN MAX MIN MAX UNIT VIK VCC = 4.5 V, II = –18 mA –1.2 –1.2 –1.2 V VCC = 4.5 V, IOH = –3 mA 2.5 2.5 2.5 VOH VCC = 5 V, IOH = –3 mA 3 3 3 V VOH VCC =4 5V IOH = –24 mA 2 2 V VCC = 4.5 V IOH = –32 mA 2* 2 VOL VCC =4 5V IOL = 48 mA 0.55 0.55 V VOL VCC = 4.5 V IOL = 64 mA 0.55* 0.55 V Vhys 100 mV II VCC = 0 to 5.5 V, VI = VCC or GND ±1 ±1 ±1 µA IOZPU‡ VCC = 0 to 2.1 V, VO = 0.5 V to 2.7 V, OE = X ±50 ±50 ±50 µA IOZPD‡ VCC = 2.1 V to 0, VO = 0.5 V to 2.7 V, OE = X ±50 ±50 ±50 µA IOZH VCC = 2.1 V to 5.5 V, VO = 2.7 V, OE ≥ 2 V 10 10 10 µA IOZL VCC = 2.1 V to 5.5 V, VO = 0.5 V, OE ≥ 2 V –10 –10 –10 µA Ioff VCC = 0, VI or VO ≤ 4.5 V ±100 ±100 µA ICEX Outputs high VCC = 5.5 V, VO = 5.5 V 50 50 50 µA IO§ VCC = 5.5 V, VO = 2.5 V –50 –100 –180 –50 –180 –50 –180 mA Outputs high V5 5 V I 0 2 2 2 ICC Outputs low VCC = 5.5 V, IO = 0, VI =VCC or GND 85 85 85 mA Outputs disabled VI = VCC or GND 2 2 2 ∆ICC¶ VCC = 5.5 V, One input at 3.4 V, Other inputs at VCC or GND 1.5 1.5 1.5 mA Ci VI = 2.5 V or 0.5 V 3.5 pF Co VO = 2.5 V or 0.5 V 9.5 pF * On products compliant to MIL-PRF-38535, this parameter does not apply. † All typical values are at VCC = 5 V. ‡ This parameter is characterized, but not production tested. § Not more than one output should be tested at a time, and the duration of the test should not exceed one second. ¶ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND. timing requirements over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 1) VCC = 5 V, TA = 25°C# SN54ABT16373A SN74ABT16373A UNIT MIN MAX MIN MAX MIN MAX tw Pulse duration, LE high 3.3 3.3 3.3 ns tsu Setup time, data before LE ↓ 1.5 2.4 1.5 ns th Hold time, data after LE ↓ 1 2.2 1 ns # These values apply only to the SN74ABT16373A. |
Número de pieza similar - SN74ABT16373A |
|
Descripción similar - SN74ABT16373A |