Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM7745HEX Datasheet(PDF) 1 Page - Pletronics, Inc.

No. de pieza SM7745HEX
Descripción Electrónicos  1.8 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PLETRONICS [Pletronics, Inc.]
Página de inicio  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM7745HEX Datasheet(HTML) 1 Page - Pletronics, Inc.

  SM7745HEX Datasheet HTML 1Page - Pletronics, Inc. SM7745HEX Datasheet HTML 2Page - Pletronics, Inc. SM7745HEX Datasheet HTML 3Page - Pletronics, Inc. SM7745HEX Datasheet HTML 4Page - Pletronics, Inc. SM7745HEX Datasheet HTML 5Page - Pletronics, Inc. SM7745HEX Datasheet HTML 6Page - Pletronics, Inc. SM7745HEX Datasheet HTML 7Page - Pletronics, Inc. SM7745HEX Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Product information is current as of publication date. The product conforms
Copyright © 2006, 2007, 2008 Pletronics Inc.
to specifications per the terms of the Pletronics standard warranty. Production
processsing does not necessarily include testing of all parameters.
SM77H Series 1.8V
CMOS Clock Oscillators
May 2008
• Pletronics’ SM77H Series is a quartz crystal
controlled precision square wave generator with a
CMOS output.
• The package is designed for high density surface
mount designs.
• This is a low cost mass produced oscillator.
• Tape and Reel or cut tape packaging is available.
• 0.8 to 70 MHz
• 5 x 7 mm LCC Ceramic Package
• Enable/Disable
• Disable function includes low standby power
mode
• Low Jitter
Pletronics Inc. certifies this device is in accordance with the
RoHS 6/6 (2002/95/EC) and WEEE (2002/96/EC) directives.
Pletronics Inc. guarantees the device does not contain the following:
Cadmium, Hexavalent Chromium, Lead, Mercury, PBB’s, PBDE’s
Weight of the Device: 0.17 grams
Moisture Sensitivity Level: 1 As defined in J-STD-020C
Second Level Interconnect code: e4
Absolute Maximum Ratings:
Parameter
Unit
V
CC Supply Voltage
-0.5V to +7.0V
Vi
Input Voltage
-0.5V to V
CC + 0.5V
Vo
Output Voltage
-0.5V to V
CC + 0.5V
Io
Output Current
+25 mA to -25 mA
Thermal Characteristics
The maximum die or junction temperature is 155
oC
The thermal resistance junction to board is 30 to 50
oC/Watt depending on the solder pads, ground plane
and construction of the PCB.


Número de pieza similar - SM7745HEX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SM7745HE ETC1-SM7745HE Datasheet
76Kb / 2P
   CMOS COMPATIBLE WITH TRI-STATE OUTPUT
logo
Pletronics, Inc.
SM7745HE PLETRONICS-SM7745HE Datasheet
110Kb / 8P
   5.0 V CMOS Clock Oscillators
SM7745HEV PLETRONICS-SM7745HEV Datasheet
109Kb / 8P
   3.3 V CMOS Clock Oscillators
SM7745HEW PLETRONICS-SM7745HEW Datasheet
109Kb / 8P
   2.5 V CMOS Clock Oscillators
More results

Descripción similar - SM7745HEX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pletronics, Inc.
SM7745MEX PLETRONICS-SM7745MEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545TEX PLETRONICS-SM5545TEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745DEX PLETRONICS-SM7745DEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745GEX PLETRONICS-SM7745GEX Datasheet
151Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545GEX PLETRONICS-SM5545GEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545MEX PLETRONICS-SM5545MEX Datasheet
151Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7645DEX PLETRONICS-SM7645DEX Datasheet
203Kb / 9P
   1.8 V CMOS Clock Oscillators
logo
List of Unclassifed Man...
SM77D ETC1-SM77D Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
logo
Pletronics, Inc.
SQ3345DESX PLETRONICS-SQ3345DESX Datasheet
133Kb / 7P
   1.8 V CMOS Clock Oscillators
SM5545TX-750M-T250 PLETRONICS-SM5545TX-750M-T250 Datasheet
110Kb / 8P
   SM55T Series 1.8 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com