Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74ABT16501DL Datasheet(PDF) 2 Page - Texas Instruments |
|
|
SN74ABT16501DL Datasheet(HTML) 2 Page - Texas Instruments |
2 / 9 page SN54ABT16501, SN74ABT16501 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS SCBS086C – FEBRUARY 1991 – REVISED JANUARY 1997 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description (continued) The SN54ABT16501 is characterized for operation over the full military temperature range of –55 °C to 125°C. The SN74ABT16501 is characterized for operation from –40 °C to 85°C. FUNCTION TABLE† INPUTS OUTPUT OEAB LEAB CLKAB A B L X X X Z H HX L L H HX H H H L ↑ LL H L ↑ HH H LH X B0‡ H L L X B0§ † A-to-B data flow is shown: B-to-A flow is similar but uses OEBA, LEBA, and CLKBA. ‡ Output level before the indicated steady-state input conditions were established, provided that CLKAB was high before LEAB went low § Output level before the indicated steady-state input conditions were established |
Número de pieza similar - SN74ABT16501DL |
|
Descripción similar - SN74ABT16501DL |