Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC0808S250 Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza ADC0808S250
Descripción Electrónicos  Single 8-bit ADC, up to 125 MHz or 250 MHz
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ADC0808S250 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button ADC0808S250 Datasheet HTML 7Page - NXP Semiconductors ADC0808S250 Datasheet HTML 8Page - NXP Semiconductors ADC0808S250 Datasheet HTML 9Page - NXP Semiconductors ADC0808S250 Datasheet HTML 10Page - NXP Semiconductors ADC0808S250 Datasheet HTML 11Page - NXP Semiconductors ADC0808S250 Datasheet HTML 12Page - NXP Semiconductors ADC0808S250 Datasheet HTML 13Page - NXP Semiconductors ADC0808S250 Datasheet HTML 14Page - NXP Semiconductors ADC0808S250 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
ADC0808S125_ADC0808S250_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 24 February 2009
11 of 23
NXP Semiconductors
ADC0808S125/250
Single 8-bit ADC, up to 125 MHz or 250 MHz
[1]
Guaranteed by design.
[2]
|V
gpd| is the voltage of ground potential difference across or between boards.
[3]
The ADC input range can be adjusted with an external reference voltage applied to pin FSIN. This voltage must be referenced to AGND.
Vidth
input differential threshold voltage |Vgpd| < 50 mV
[2]
−100
-
+100
mV
II
input current
825 mV < VI < 1575 mV
-
-
50
µA
1.8 V CMOS clock input; see Figure 4
VIL
LOW-level input voltage
DGND
-
0.2VCCD
V
VIH
HIGH-level input voltage
0.8VCCD
-VCCD
V
IIL
LOW-level input current
VIL = 0.2VCCD
--
50
µA
IIH
HIGH-level input current
VIH = 0.8VCCD
--
50
µA
Analog inputs: pins IN and INN
Ri
input resistance
[1] -
1.0
-
M
Ci
input capacitance
[1] -
1.0
-
pF
VI(cm)
common-mode input voltage
Vi(IN) =Vi(INN);
output code = 127
0.7
0.95
1.0
V
Digital input pins: OTC, CE_N, DEL0, DEL1, CLKSEL and CCSSEL
VIL
LOW-level input voltage
DGND
-
0.2VCCD
V
VIH
HIGH-level input voltage
0.8VCCD
-VCCD
V
IIL
LOW-level input current
VIL = 0.3VCCD
--
50
µA
IIH
HIGH-level input current
VIH = 0.7VCCD
--
50
µA
Voltage controlled regulator output: pin CMADC
VO(cm)
common-mode output voltage
0.85
0.95
1.1
V
Reference voltage input: pin FSIN[3]
VFSIN
voltage on pin FSIN
internal reference
-
0
0.6
V
external reference
1.15
1.25
1.35
V
Ii(FSIN)
input current on pin FSIN
-
12
-
µA
Vi(p-p)(max) maximum peak-to-peak input
voltage
internal reference
1.92
2
2.03
V
external reference
VFSIN = 1.15 V
1.80
1.825
1.85
V
VFSIN = 1.25 V
1.98
1.99
2.03
V
VFSIN = 1.35 V
2.11
2.16
2.18
V
Digital outputs: pins D0 to D7, CCS and IR
VOL
LOW-level output voltage
OGND
-
0.2
V
VOH
HIGH-level output voltage
VCCO − 0.2 -
VCCO
V
Table 12.
Static characteristics …continued
VCCA = 3.0 V to 3.6 V; VCCD = 1.65 V to 1.95 V; VCCO = 1.65 V to 1.95 V; pins AGND1, AGND2 and DGND1 shorted together;
Tamb = −40 °C to +85 °C; Vi(IN) − Vi(INN) = 2.0 V − 0.5 dB; VI(cm) = 0.95 V; VFSIN = 0 V; typical values are measured at
VCCA = 3.3 V, VCCD =VCCO = 1.8 V, Tamb =25 °C and CL = 10 pF; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Número de pieza similar - ADC0808S250

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
ADC0808S250 NXP-ADC0808S250 Datasheet
122Kb / 23P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 02-7 October 2008
ADC0808S250 NXP-ADC0808S250 Datasheet
130Kb / 23P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 03-24 February 2009
logo
Integrated Device Techn...
ADC0808S250 IDT-ADC0808S250 Datasheet
511Kb / 22P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
ADC0808S250HW-C1 IDT-ADC0808S250HW-C1 Datasheet
511Kb / 22P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
logo
NXP Semiconductors
ADC0808S250HW/C1 NXP-ADC0808S250HW/C1 Datasheet
122Kb / 23P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 02-7 October 2008
More results

Descripción similar - ADC0808S250

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
ADC0808S125 IDT-ADC0808S125 Datasheet
511Kb / 22P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
logo
NXP Semiconductors
ADC0808S125 NXP-ADC0808S125_09 Datasheet
130Kb / 23P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 03-24 February 2009
ADC0808S125 NXP-ADC0808S125 Datasheet
122Kb / 23P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 02-7 October 2008
logo
Renesas Technology Corp
ADC0808S RENESAS-ADC0808S Datasheet
514Kb / 22P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
2 July 2012
logo
NXP Semiconductors
ADC0804S030 NXP-ADC0804S030 Datasheet
140Kb / 19P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 02-14 August 2008
logo
Renesas Technology Corp
ADC0804S030 RENESAS-ADC0804S030 Datasheet
487Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
July 2012
logo
Integrated Device Techn...
ADC0804S030 IDT-ADC0804S030 Datasheet
484Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
NXP Semiconductors
ADC1006S055 NXP-ADC1006S055 Datasheet
393Kb / 31P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Integrated Device Techn...
ADC1006S055 IDT-ADC1006S055 Datasheet
817Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
logo
Renesas Technology Corp
ADC1006S055 RENESAS-ADC1006S055 Datasheet
820Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com