Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4168DY Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza SI4168DY
Descripción Electrónicos  N-Channel 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4168DY Datasheet(HTML) 1 Page - Vishay Siliconix

  SI4168DY Datasheet HTML 1Page - Vishay Siliconix SI4168DY Datasheet HTML 2Page - Vishay Siliconix SI4168DY Datasheet HTML 3Page - Vishay Siliconix SI4168DY Datasheet HTML 4Page - Vishay Siliconix SI4168DY Datasheet HTML 5Page - Vishay Siliconix SI4168DY Datasheet HTML 6Page - Vishay Siliconix SI4168DY Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Vishay Siliconix
Si4168DY
Document Number: 69005
S-82668-Rev. A, 03-Nov-08
www.vishay.com
1
N-Channel 30-V (D-S) MOSFET
FEATURES
Halogen-free
TrenchFET® Power MOSFET
100 % Rg Tested
100 % UIS Tested
APPLICATIONS
Notebook DC/DC
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
30
0.0057 at VGS = 10 V
24
13.8 nC
0.0076 at VGS = 4.5 V
21
Ordering Information: Si4168DY-T1-GE3 (Lead (Pb)-free and Halogen-free)
SO-8
SD
SD
SD
GD
5
6
7
8
Top View
2
3
4
1
N-Channel MOSFET
G
D
S
Notes:
a. Based on TC = 25 °C.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under Steady State conditions is 85 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
24
A
TC = 70 °C
19.4
TA = 25 °C
16b, c
TA = 70 °C
14b, c
Pulsed Drain Current
IDM
70
Avalanche Current
L = 0.1 mH
IAS
35
Avalanche Energy
EAS
61
mJ
Continuous Source-Drain Diode Current
TC = 25 °C
IS
4.7
A
TA = 25 °C
2.1b, c
Maximum Power Dissipation
TC = 25 °C
PD
5.7
W
TC = 70 °C
3.6
TA = 25 °C
2.5b, c
TA = 70 °C
1.6b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, f
t
≤ 10 s
RthJA
35
50
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
18
22


Número de pieza similar - SI4168DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Telefunken
SI4168DY TFUNK-SI4168DY Datasheet
260Kb / 10P
   N-Channel 30-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
SI4168DY DOINGTER-SI4168DY Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Vishay Siliconix
SI4168DY VISHAY-SI4168DY_V01 Datasheet
203Kb / 9P
   N-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI4168DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com